Electronic Components Datasheet Search |
|
SPAKMC332VFV16 Datasheet(PDF) 1 Page - Motorola, Inc |
|
SPAKMC332VFV16 Datasheet(HTML) 1 Page - Motorola, Inc |
1 / 88 page Order this document by MC68332TS/D Rev. 2 © MOTOROLA INC., 1993, 1996 This document contains information on a new product. Specifications and information herein are subject to change without notice. MOTOROLA SEMICONDUCTOR TECHNICAL DATA MC68332 Technical Summary 32-Bit Modular Microcontroller 1 Introduction The MC68332, a highly-integrated 32-bit microcontroller, combines high-performance data manipula- tion capabilities with powerful peripheral subsystems. The MCU is built up from standard modules that interface through a common intermodule bus (IMB). Standardization facilitates rapid development of devices tailored for specific applications. The MCU incorporates a 32-bit CPU (CPU32), a system integration module (SIM), a time processor unit (TPU), a queued serial module (QSM), and a 2-Kbyte static RAM module with TPU emulation capability (TPURAM). The MCU can either synthesize an internal clock signal from an external reference or use an external clock input directly. Operation with a 32.768-kHz reference frequency is standard. The maximum sys- tem clock speed is 20.97 MHz. System hardware and software allow changes in clock rate during op- eration. Because MCU operation is fully static, register and memory contents are not affected by clock rate changes. High-density complementary metal-oxide semiconductor (HCMOS) architecture makes the basic power consumption of the MCU low. Power consumption can be minimized by stopping the system clock. The CPU32 instruction set includes a low-power stop (LPSTOP) command that efficiently implements this capability. |
Similar Part No. - SPAKMC332VFV16 |
|
Similar Description - SPAKMC332VFV16 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |