Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7909 Datasheet(PDF) 5 Page - SeCoS Halbleitertechnologie GmbH

Part # SI7909
Description  3-Terminal Negative Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SI7909 Datasheet(HTML) 5 Page - SeCoS Halbleitertechnologie GmbH

  SI7909 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SI7909 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SI7909 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SI7909 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SI7909 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
-Jun-2002 Rev. A
Page 5 of 5
01
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
SI79XX
3-Terminal
Negative Voltage Regulator
:
:
S
I7918 (Refer to the test circuits, Tj=0~125 : , Io=500mA, Vin=-27V, Cin=2.2 F, Co=1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
-17.46
-18.0
-18.54
VO
B-Rank (5%)
-17.10
-
-18.9
V
Vin=-27V, Io=500mA, , Tj=25 :
-21V Vin -33V, 5mA Io 1A, PD 15W
-
15
360
-21V Vin -33V, Io=500mA, Tj=25 :
VO
(Line Regulation)
-
8
180
mV
-24V Vin -30V, Io=500mA, Tj=25 :
-
15
360
Vin=-27V, 5mA Io 1A, Tj=25 :
VO
(Load Regulation)
-
5
180
mV
Vin=-27V, 250mA Io 750mA, Tj=25 :
I
Q
-
-
6.0
mA
Vin=-27V, Io=500mA, Tj=25 :
-
-
0.5
Vin=-27V, 5mA Io 1A
I
Q
-
-
1.0
mA
-21V Vin -33V, Io=500mA
Vn
-
300
-
V
10Hz f 100KHz, Ta=25 :
RR
54
-
-
dB
-22V Vin -32V, f=120Hz, Tj=25 :
VD
-
2
-
V
I
o=1A, Tj=25 :
I
pk
-
2.2
-
A
Tj=25 :
Vo / Tj
-
-1.0
-
mV/ :
I
o=5mA, 0 : Tj 125 :
S
I7924 (Refer to the test circuits, Tj=0~125 : , Io=500mA, Vin=-33V, Cin=2.2 F, Co=1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
-23.28
-24.0
-24.72
VO
B-Rank (5%)
-22.80
-
-25.20
V
Vin=-33V, Io=500mA, Tj=25 :
-27V Vin -38V, 5mA Io 1A, PD 15W
-
15
480
-27V Vin -38V, Io=500mA, Tj=25 :
VO
(Line Regulation)
-
8
240
mV
-30V Vin -36V, Io=500mA, Tj=25 :
-
15
480
Vin=-33V, 5mA Io 1A, Tj=25 :
VO
(Load Regulation)
-
5
240
mV
Vin=-33V, 250mA Io 750mA, Tj=25 :
I
Q
-
-
6.0
mA
Vin=-33V, Io=500mA, Tj=25 :
-
-
0.5
Vin=-33V, 5mA Io 1A
I
Q
-
-
1.0
mA
-27V Vin -38V, Io=500mA
Vn
-
400
-
V
10Hz f 100KHz, Ta=25 :
RR
54
-
-
dB
-28V Vin -38V, f=120Hz, Tj=25 :
VD
-
2
-
V
I
o=1A, Tj=25 :
I
pk
-
2.2
-
A
Tj=25 :
Vo / Tj
-
-1.0
-
mV/ :
I
o=5mA, 0 :
Tj 125 :
SI79XX


Similar Part No. - SI7909

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7909DN VISHAY-SI7909DN Datasheet
185Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. C, 27-Jun-05
SI7909DN VISHAY-SI7909DN Datasheet
91Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN_V01 Datasheet
91Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI7909

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
   3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
   3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
   3-Terminal Negative Voltage Regulator
SI79XXA SECOS-SI79XXA Datasheet
466Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
New Japan Radio
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL7909XE3 CYSTEKEC-PL7909XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7915XE3 CYSTEKEC-PL7915XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7908XE3 CYSTEKEC-PL7908XE3 Datasheet
149Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79LXX SECOS-S79LXX Datasheet
720Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
Cystech Electonics Corp...
PL7905XE3 CYSTEKEC-PL7905XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
NJM79L05UA-TE1 ETC2-NJM79L05UA-TE1 Datasheet
246Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com