Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7815 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SI7815
Description  3-Terminal Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SI7815 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SI7815 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SI7815 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SI7815 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SI7815 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SI7815 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SI7815 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Input Voltage
1
-55~+150
Output Current
Storage Temperature Range
Tj, Tstg
Thermal Resistance Junction-Air
IO
C
C
o
o
Operating Junction And
Parameter
Symbol
Ratings
Unit
V
A
VIN
35
Absolute Maximum Ratings
W/
S
I7805~18
S
I7824
40
V
VIN
Thermal Resistance Junction-Cases
R
θJA
R
θJC
125
12.5
C
o
W/
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 6
Description
The SI78XX series of fixed-voltage monolithic intergrated-
circuit voltage regulators designed for a wide range of
applications. These applications include on-card regulation
for elimination of noise and distribution problems associated
with single-point regulation. Each of these regulators can
deliver up to 1A of output current. The internal current limiting
and thermal shutdown features of there trgulators make
them essentially immune to overload.
Features
*5V,6V,8V,9V,10V,12V,15V,18V,24V Output Voltage Available
*Output Transistor Safe-Area Compensation
*No External Components
*Internal Thermal Overload Protection
*Internal Short-Circuit Current Limiting
*High Power Dissipation Capability
Elektronische Bauelemente
SI78XX
3-Terminal
Positive Voltage Regulator
250
-0.6
1.8
_
_
_
_
_
0.5
40
2
uA
VN
_
80
_
_
_
8
mV
C
o
mV
mA
_
_
_
_
ISC
VO/
o
VD
VO
4.85
V
RR
VIN=10V,IO=500mA,Tj=25
7.5V
_
_
Symbol
Max.
Typ.
Test Condition
Min.
Unit
SI7805 (Refer to the test circuits,Tj=0~125 C, IO=500mA, VIN=10V, CIN=0.33uF, CO=0.1uF unless otherwise specified)
4.75
5
5.15
5.25
VO
(Line Regulation)
VO
(Load Regulation)
1
_
3
50
25
_
100
50
8V
VIN 12V,IO=500mA
5mA IO
1A,
7V
VIN 25V,IO=500mA,
IQ
IQ
mA
1.3
_
_
7V
VIN 25V,IO=500mA
dB
_
_
V
IPK
Tj
mA
mA
mV/ C
o
Tj=25
A-Rank
(3%)
B-Rank
(5%)
_
_
_
_
VIN=35V,
IO=5mA,0 C
o
Tj 25 C
o
10Hz f
100Hz,
8V
VIN 18V,f=120Hz,
Electrical Characteristics
C
o
VIN 20V, 5mA IO 1A,PD
15W
Tj=25 C
o
, Tj=25C
o
VIN=10V,
Tj=25C
o
250mA IO 750mA,
VIN=10V,
Tj=25 C
o
VIN=10V,IO=500mA,Tj=25 C
o
5mA IO
1A
VIN=10V,
Tj=25C
o
Tj=25C
o
Tj=25C
o
≤ ≤
Io=1A,
C
o
Tj=25
TO-251
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.60
D
7.20
7.80
K
0.45
0.60
E
2.30 REF.
L
0.90
1.50
F
0.60
0.90
M
5.40
5.80
Millimeter


Similar Part No. - SI7815

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7810DN VISHAY-SI7810DN Datasheet
48Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 27-Aug-01
SI7810DN VISHAY-SI7810DN Datasheet
198Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. B, 20-Feb-06
logo
Vishay Telefunken
SI7810DN TFUNK-SI7810DN Datasheet
76Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI7810DN VISHAY-SI7810DN Datasheet
76Kb / 5P
   N-Channel 100-V (D-S) MOSFET
18-Jul-08
SI7810DN VISHAY-SI7810DN_06 Datasheet
198Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. B, 20-Feb-06
More results

Similar Description - SI7815

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
78L05U SEMTECH_ELEC-78L05U Datasheet
223Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL7812XE3 CYSTEKEC-PL7812XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
PL7818XE3 CYSTEKEC-PL7818XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7812AA HSMC-H7812AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com