Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SJ7912 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SJ7912
Description  3-Terminal Negative Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SJ7912 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SJ7912 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SJ7912 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SJ7912 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SJ7912 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SJ7912 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Input Voltage
1
-55~+150
Output Current
Storage Temperature Range
Tj, Tstg
Thermal Resistance Junction-Air (RθJA)
-35
SJ7905~18
SJ7924
-40
Thermal Resistance Junction-Cases (RθJC)
IO
C
C
o
o
Operating Junction And
Parameter
Symbol
Ratings
Unit
V
A
VIN
Absolute Maximum Ratings
W/
V
VIN
R
θJA
R
θJC
125
12.5
C
o
W/
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 5
Description
The SJ79XX series of fixed-voltage monolithic intergrated-
circuit voltage regulators designed to complement Series
SJ78XX in a wide range of applications. These applications
include on-card regulation for elimination of noise and
distribution problems associated with single-point regulation.
Each of these regulators can deliver up to 1A of output
current. The internal current limiting and thermal shutdown
features of these regulators make them essentially immune
to overload. In addition to use as fixed-voltage regulators,
thesedevices can be used with external components to
obtain adjustable output voltage and current and also as the
power pass element in precision regulators.
Features
*-5V,-6V,-8V,-9V,-10V,-12V,-15V,-18V,-24V Output Voltage Available
*Output Transistor Safe-Area Compensation
*No External Components
*Internal Thermal Overload Protection
*Internal Short-Circuit Current Limiting
Elektronische Bauelemente
SJ79XX
3-Terminal
Negative Voltage Regulator
Typical Application
SJ79XX
TO-252
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.55
D
2.20
2.80
K
0
0.15
E
2.30 REF.
L
0.90
1.50
F
0.70
0.90
M
5.40
5.80
S
0.60
0.90
R
0.80
1.20
Millmeter
Millmeter


Similar Part No. - SJ7912

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SJ7912A SECOS-SJ7912A Datasheet
444Kb / 5P
   3-Terminal Negative Voltage Regulator
More results

Similar Description - SJ7912

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
   3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
   3-Terminal Negative Voltage Regulator
SI79XXA SECOS-SI79XXA Datasheet
466Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
New Japan Radio
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL7909XE3 CYSTEKEC-PL7909XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7915XE3 CYSTEKEC-PL7915XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7908XE3 CYSTEKEC-PL7908XE3 Datasheet
149Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79LXX SECOS-S79LXX Datasheet
720Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
Cystech Electonics Corp...
PL7905XE3 CYSTEKEC-PL7905XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
NJM79L05UA-TE1 ETC2-NJM79L05UA-TE1 Datasheet
246Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com