Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM220FL Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM220FL
Description  Voltage 20 ~ 100 V 2.0 Amp Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM220FL Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM220FL Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM220FL Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SM220FL ~ SM2100FL
Voltage 20 ~ 100 V
2.0 Amp Schottky Barrier Rectifiers
Elektronische Bauelemente
16-May-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward surge current
Ideal for surface mounted applications
Low leakage current
MECHANICAL DATA
Case: JEDEC SOD-123FL, molded plastic over
passivated chip
Terminals: Solder Plated, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting position: Any
MARKING
Product
Marking Code
Product
Marking Code
SM220FL
2S
SM260FL
6S
SM230FL
3S
SM280FL
8S
SM240FL
4S
SM2100FL
AS
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-123FL
2.5K
7’ inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Part Number
Unit
SM
220FL
SM
230FL
SM
240FL
SM
260FL
SM
280FL
SM
2100FL
Maximum Recurrent Reverse Voltage
VRRM
20
30
40
60
80
100
V
Maximum RMS Voltage
VRMS
14
21
28
42
56
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
60
80
100
V
Maximum Instantaneous Forward
Voltage @ IFM = 2.0A
VF
0.50
0.55
0.72
0.85
V
Maximum Average Forward
Rectified Current @ TJ = 90°C
I(AV)
2.0
A
Peak Forward Surge Current8.3ms
single half sine-wave superimposed
on rated load (JEDEC method)
IFSM
40
A
Maximum DC Reverse Current at
Rated DC Blocking Voltage
IR
0.3
mA
Typical Junction Capacitance
CJ
30
pF
Operating Temperature Range
TJ
-55~125
°C
Storage Temperature Range
TSTG
-55~150
°C
Notes:
1.
Measured at f=1.0MHz, VR=4.0V
SOD-123FL
E
F
B
C
D
A
G
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.70
2.90
E
0.10
0.30
B
1.80
2.00
F
0.80
1.20
C
1.55
1.25
G
0.35
0.85
D
3.50
3.90


Similar Part No. - SM220FL

ManufacturerPart #DatasheetDescription
logo
Dc Components
SM220 DCCOM-SM220 Datasheet
420Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Apacer Technology Inc.
SM220-CFAST APACER-SM220-CFAST Datasheet
676Kb / 5P
   flash memory card
SM220-M242 APACER-SM220-M242 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
logo
Nanjing International G...
SM220.2A-DO-213AB DGNJDZ-SM220.2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
logo
SeCoS Halbleitertechnol...
SM2200A SECOS-SM2200A Datasheet
255Kb / 2P
   2.0 Amp Schottky Barrier Rectifiers
More results

Similar Description - SM220FL

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MBR10100 SECOS-MBR10100 Datasheet
137Kb / 2P
   Voltage 100 V 10.0 Amp Schottky Barrier Rectifiers
MBR20100F SECOS-MBR20100F Datasheet
223Kb / 2P
   Voltage 100 V 20.0 Amp Schottky Barrier Rectifiers
SBR10100 SECOS-SBR10100_11 Datasheet
257Kb / 2P
   Voltage 100 V 10.0 Amp Schottky Barrier Rectifiers
MBR30100F SECOS-MBR30100F Datasheet
146Kb / 2P
   Voltage 100 V 30.0 Amp Schottky Barrier Rectifiers
MBR30100 SECOS-MBR30100 Datasheet
146Kb / 2P
   Voltage 100 V 30.0 Amp Schottky Barrier Rectifiers
SBR10100 SECOS-SBR10100 Datasheet
170Kb / 2P
   VOLTAGE 100 V 10.0 Amp Schottky Barrier Rectifiers
MBR10100F SECOS-MBR10100F Datasheet
216Kb / 2P
   Voltage 100 V 10.0 Amp Schottky Barrier Rectifiers
SBR10100F SECOS-SBR10100F Datasheet
173Kb / 2P
   VOLTAGE 100 V 10.0 Amp Schottky Barrier Rectifiers
SBR40100R SECOS-SBR40100R Datasheet
266Kb / 2P
   VOLTAGE 100 V 40.0 Amp Schottky Barrier Rectifiers
SBR40100R SECOS-SBR40100R_11 Datasheet
269Kb / 2P
   Voltage 100 V 40.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com