Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM180MH Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM180MH
Description  1.0 Amp Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM180MH Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM180MH Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM180MH Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SM120MH~SM1100MH
20 ~ 100 V
1.0 Amp Surface Mount Schottky Barrier Rectifiers
Elektronische Bauelemente
16-Jul-2010 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Cathode

Anode
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
Batch process design, excellent power dissipation offers.
better reverse leakage current and thermal resistance.
Low profile surface mounted application.
in order to optimize board space.
Low power loss and low forward voltage drop
High surge, high current capability, and high efficiency.
Fast switching for high efficiency.
Guard-ring for overvoltage protection.
Ultra high-speed switching
Silicon epitaxial planar chip, metal silicon junction.
PACKAGING INFORMATION
Small plastic SMD package.
Case: Molded plastic
Epoxy: UL94-V0 rate flame retardant
Weight: 0.0110 g (Approximately)
MARKING CODE
Part Number
Marking Code
Part Number
Marking Code
SM120MH
12
SM160MH
16
SM130MH
13
SM180MH
18
SM140MH
14
SM1100MH
10
SM150MH
15
MAXIMUM RATINGS (Ta = 25°C unless otherwise specified.)
PARAMETERS
SYMBOL
PART NUMBERS
UNITS
TESTING CONDITIONS
SM
120
MH
SM
130
MH
SM
140
MH
SM
150
MH
SM
160
MH
SM
180
MH
SM
1100
MH
Recurrent Peak
Reverse Voltage (Max.)
VRRM
20
30
40
50
60
80
100
V
RMS Voltage (Max.)
VRMS
14
21
28
35
42
56
70
V
Reverse Voltage (Max.)
VR
20
30
40
50
60
80
100
V
Forward Voltage (Max.)
VF
0.50
0.70
0.85
V
Forward
Rectified Current (Max.)
IO
1.0
A
See Fig.1
Peak Forward Surge Current
IFSM
25
A
8.3ms single half sine-wave
superimposed on rated load
(JEDEC method)
Reverse Current (Max.)
IR
0.5
mA
VR=VRRM, Ta=25°C
10
VR=VRRM, Ta=125°C
Thermal Resistance (Typ.)
RJA
98
°C/W
Junction to ambient
Diode Junction
Capacitance (Typ.)
CJ
120
pF
f=1MHz and applied 4V DC
reverse voltage
Storage and Operating
Temperature Range
TSTG, TJ
-65 ~ 175, -55 to 125
-65 ~ 175, -55 to 150
°C
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
3.30
3.70
D
3.10 (MAX.)
B
1.50
1.90
E
0.80 (TYP.)
C
0.60
1.00
F
0.30 (TYP.)
E
E
F
B
C
D
A
SOD-123MH


Similar Part No. - SM180MH

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM180MH SECOS-SM180MH Datasheet
154Kb / 2P
   1.0 Amp Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SM180MH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS115 ETC-SS115 Datasheet
48Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
UNIOHM CORPORATION
SM120A UNIOHM-SM120A Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM120A SECOS-SM120A Datasheet
142Kb / 2P
   1.0 AMP Surface Mount Schottky Barrier Rectifiers
SM120A SECOS-SM120A_15 Datasheet
676Kb / 2P
   1.0 AMP Surface Mount Schottky Barrier Rectifiers
SM120AF SECOS-SM120AF_15 Datasheet
236Kb / 2P
   1.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Nanjing International G...
SS12F DGNJDZ-SS12F Datasheet
341Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS120-200V-DO-214AC DGNJDZ-SS120-200V-DO-214AC Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS13-1A-30V-DO-214AC DGNJDZ-SS13-1A-30V-DO-214AC Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM5818.1A-DO-213AB DGNJDZ-SM5818.1A-DO-213AB Datasheet
237Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 DGNJDZ-SK12 Datasheet
144Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM5817 DGNJDZ-SM5817 Datasheet
203Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com