Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1117A Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SM1117A
Description  1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM1117A Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SM1117A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM1117A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SM1117A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SM1117A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SM1117A
1A Low Dropout Positive
Adjustable or Fixed-Mode Regulator
01-Jun-2011 Rev. B
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
TYPICAL CIRCUIT
BLOCK DIAGRAM
PIN DESCRIPTIONS
Name
I/O
Pin#
Description
Adj (Gnd)
I
1
A resistor divider from this pin to the VOUT pin and ground sets the output voltage
(Ground only for fixed mode)
VOUT
O
2
The output pin of regulator. A min. of 10μF capacitor must be connected from this pin
to ground to insure stability.
VIN
I
3
The input pin of regulator. Typically a large storage capacitor is connected from this
pin to ground to insure that the input voltage does not sag below the min. dropout
voltage during the load transient response.
This pin must always be 1.3V higher than VOUT in order for the device to regulate
properly.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
DC Supply Voltage
Vin
-0.3 to 12
V
Power Dissipation (TA = 25°C)
PD
Internally Limited
Operating & Temperature Range
TSTG
0~150,-65~150
°C


Similar Part No. - SM1117A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM1117A SECOS-SM1117A Datasheet
569Kb / 4P
   Adjustable or Fixed-Mode Regulator
More results

Similar Description - SM1117A

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
DONGGUAN YOU FENG WEI E...
YFW1117-XX YFWDIODE-YFW1117-XX Datasheet
476Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G1117A ETL-G1117A Datasheet
261Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com