Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM2200A Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SM2200A
Description  2.0 Amp Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM2200A Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SM2200A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM2200A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SM2200A
Voltage 200 V
2.0 Amp Schottky Barrier Rectifiers
30-Mar-2011 Rev. B
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - SM2200A

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SM2200A GWSEMI-SM2200A Datasheet
63Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
AiT Semiconductor Inc.
SM2200A AITSEMI-SM2200A Datasheet
663Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 2.0A
REV2.1
logo
SeCoS Halbleitertechnol...
SM2200AF SECOS-SM2200AF Datasheet
237Kb / 2P
   20V ~200V 2.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
AiT Semiconductor Inc.
SM2200AF AITSEMI-SM2200AF Datasheet
312Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.0
logo
Leshan Radio Company
SM2200AF LRC-SM2200AF_15 Datasheet
226Kb / 9P
   Schottky Barrier Rectifiers
More results

Similar Description - SM2200A

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SR220 UNIOHM-SR220 Datasheet
65Kb / 2P
   2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
First Components Intern...
SR220 FCI-SR220 Datasheet
132Kb / 2P
   2.0 Amp SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM2200A SECOS-SM2200A_15 Datasheet
249Kb / 2P
   2.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR2150 GWSEMI-SR2150 Datasheet
63Kb / 2P
   2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
SB220U DYELEC-SB220U Datasheet
997Kb / 2P
   2.0 AMP. Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR220 GWSEMI-SR220 Datasheet
63Kb / 2P
   2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SS210L YIXIN-SS210L Datasheet
265Kb / 2P
   2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SR2200 SECOS-SR2200_15 Datasheet
303Kb / 2P
   2.0 Amp Schottky Barrier Rectifiers
logo
Bytes
SR220 BYTES-SR220 Datasheet
153Kb / 2P
   2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
SB220 DYELEC-SB220 Datasheet
943Kb / 2P
   2.0 AMP. Schottky Barrier Rectifiers
SR2P50 DYELEC-SR2P50 Datasheet
3Mb / 2P
   2.0 AMP. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com