Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMG2314NE Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMG2314NE
Description  N-Channel Enhancement Mode Mos.FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMG2314NE Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMG2314NE Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMG2314NE Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMG2314NE
4 A, 20 V, RDS(ON) 32 m
N-Channel Enhancement Mode Mos.FET
Elektronische Bauelemente
27-Jan-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
These miniature surface mount MOSFETs utilize High Cell
Density process. Low RDS(on) assures minimal power loss and
conserves energy, making this device ideal for use in power
management circuitry. Typical applications are PWMDC-DC
converters, power management in portable and battery-powered
products such as computers, printers, battery charger,
telecommunication power system, and telephones power system.
FEATURES
Low RDS(on) provides higher efficiency and extends
battery life.
Miniature SC-59 surface mount package saves
board space.
High power and current handling capability.
MLow side high current DC-DC Converter applications
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SC-59
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS(TA=25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Ratings
Unit
Maximum
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
1
ID @ TA=25°C
ID
4.0
A
ID @ TA=70°C
3.1
A
Pulsed Drain Current
2
IDM
±20
A
Continuous Source Current (Diode Conduction)
1
IS
1.6
A
Power Dissipation
1
PD @ TA=25°C
PD
1.3
W
PD @ TA=70°C
0.8
W
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Maximum
Unit
Maximum Junction to Ambient
1
t ≦ 5 sec
RJA
100
°C / W
Steady State
166
Notes
1
Surface Mounted on 1” x 1” FR4 Board.
2
Pulse width limited by maximum junction temperature.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
SC-59
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.70
3.10
G
0.10 REF.
B
2.25
3.00
H
0.40 REF.
C
1.30
1.70
J
0.10
0.20
D
1.00
1.40
K
0.45
0.55
E
1.70
2.30
L
0.85
1.15
F
0.35
0.50
ESD
Protection Diode
2KV


Similar Part No. - SMG2314NE

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SMG2314NE VBSEMI-SMG2314NE Datasheet
482Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SMG2314NE SECOS-SMG2314NE_15 Datasheet
535Kb / 4P
   N-Channel Enhancement Mode Mos.FET
More results

Similar Description - SMG2314NE

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2340N SECOS-SMG2340N_15 Datasheet
141Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SMG2398N SECOS-SMG2398N_15 Datasheet
143Kb / 2P
   N-Channel Enhancement Mode Mos.FET
STT3402N SECOS-STT3402N_15 Datasheet
467Kb / 4P
   N-Channel Enhancement Mode Mos.FET
STT3458N SECOS-STT3458N Datasheet
189Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SSE90N06-30P SECOS-SSE90N06-30P Datasheet
169Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SMG2314NE SECOS-SMG2314NE_15 Datasheet
535Kb / 4P
   N-Channel Enhancement Mode Mos.FET
SSE90N06-15P SECOS-SSE90N06-15P Datasheet
355Kb / 4P
   N-Channel Enhancement Mode Mos.FET
STT3490N SECOS-STT3490N Datasheet
637Kb / 4P
   N-Channel Enhancement Mode Mos.FET
SMG2342N SECOS-SMG2342N Datasheet
142Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SMG2398N SECOS-SMG2398N Datasheet
148Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SMG2398NE SECOS-SMG2398NE Datasheet
145Kb / 2P
   N-Channel Enhancement Mode Mos.FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com