Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMG2334NE Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMG2334NE
Description  N-Channel Enhancement MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMG2334NE Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMG2334NE Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMG2334NE Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMG2334NE Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMG2334NE Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SMG2334NE
3.5 A, 30 V, RDS(ON) 60 m
N-Channel Enhancement MOSFET
14-Jul-2010 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
PARAMETER
SYMBOL
MIN TYP MAX UNIT
TEST CONDITIONS
Static
Gate-Threshold Voltage
VGS(th)
0.6
-
-
V
VDS = VGS, ID = 250μA
Gate-Body Leakage
IGSS
-
-
±100
nA
VDS = 0V, VGS= 4V
-
-
1
VDS = 24V, VGS= 0V
Zero Gate Voltage Drain Current
IDSS
-
-
25
μA
VDS = 24V, VGS= 0V, TJ=55°C
On-State Drain Current
A
ID(ON)
6
-
-
A
VDS = 5V, VGS= 4.5V
-
-
60
VGS= 4.5V, ID = 3.5A
Drain-Source On-Resistance
A
RDS(ON)
-
-
82
mΩ
VGS= 2.5V, ID = 3A
Forward Transconductance
A
gFS
-
6.9
-
S
VDS= 15V,,ID = 3.5A
Diode Forward Voltage
VSD
-
0.8
-
V
IS= 2.3A, VGS= 0V
Dynamic
b
Total Gate Charge
Qg
-
6.3
-
Gate-Source Charge
Qgs
-
0.9
-
Gate-Drain Charge
Qgd
-
1.9
-
nC
ID= 3.5A
VDS= 15V
VGS= 2.5V
Turn-On Delay Time
Td(ON)
-
16
-
Rise Time
Tr
-
5
-
Turn-Off Delay Time
Td(OFF)
-
23
-
Fall Time
Tf
-
3
-
nS
ID= 1A, VDD= 25V
VGEN= 10V
RL= 25Ω
Notes
a.
Pulse test:PW ≦ 300 us duty cycle ≦ 2%.
b.
Guaranteed by design, not subject to production testing.


Similar Part No. - SMG2334NE

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2334NE SECOS-SMG2334NE Datasheet
297Kb / 4P
   3.5A , 30V , RDS(ON) 58 m N-Channel Enhancement MOSFET
logo
VBsemi Electronics Co.,...
SMG2334NE VBSEMI-SMG2334NE Datasheet
493Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SMG2334NE SECOS-SMG2334NE_12 Datasheet
297Kb / 4P
   3.5A , 30V , RDS(ON) 58 m N-Channel Enhancement MOSFET
SMG2334NE SECOS-SMG2334NE_15 Datasheet
297Kb / 4P
   N-Channel Enhancement MOSFET
More results

Similar Description - SMG2334NE

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
   N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7200N SECOS-SSP7200N_15 Datasheet
209Kb / 2P
   N-Channel Enhancement MOSFET
SSP7450N SECOS-SSP7450N Datasheet
702Kb / 4P
   N-Channel Enhancement MOSFET
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
   N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
   N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
   N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
logo
DONGGUAN YOU FENG WEI E...
2N7002 YFWDIODE-2N7002 Datasheet
433Kb / 3P
   N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com