Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMUN5311DW Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMUN5311DW
Description  NPN / PNP Digital Small Signal Transistor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMUN5311DW Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMUN5311DW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW Datasheet HTML 9Page - SeCoS Halbleitertechnologie GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Elektronische Bauelemente
SMUN5311DW Series
NPN / PNP
Digital Small Signal Transistors
18-Dec-2009 Rev. A
Page 1 of 28
1
3
2
6
4
5
Q1
Q2
R1
R2
R1
R2
RoHS Compliant Product
A suffix of “-C” indicates halogen-free.
DESCRIPTION
The Bias Resistor Transistor (BRT) contains a single transistor with a monolithic
bias network consisting of two resistors; a series base resistor and a base−emitter
resistor. These digital transistors are designed to replace a single device and its
external resistor bias network. The BRT eliminates these individual components by
integrating them into a single device. In the SMUN5311DW series, two
complementary BRT devices are housed in the SOT−363 package which is ideal
for low power surface mount applications where board space is at a premium.
FEATURE
Simplifies circuit design
Reduces board space
Reduces component count
Available in 8 mm, 7 inch/3000 unit tape and reel
The devices are Pb-Free
MAXIMUM RATINGS AND THERMAL CHARACTERISTICS
(TA = 25°C unless otherwise noted, common for Q1 and Q 2, minus sign for Q1(PNP) omitted)
PARAMETER
SYMBOL
VALUE
UNIT
Collector - Base Voltage
VCBO
50
Vdc
Collector - Emitter Voltage
VCEO
50
Vdc
Collector Currrent – Continuous
IC
100
mAdc
ONE JUNCTION HEATED THERMAL CHARACTERISTICS
Total Device Dissipation, TA=25°C
187(1)
256(2)
mW
Total Device Dissipation, Derate above 25°C
PD
1.5(1)
2.0(2)
mW/°C
Thermal Resistance, Junction to Ambient
R
θJA
670(1)
490(2)
°C/W
BOTH JUNCTION HEATED THERMAL CHARACTERISTICS
Total Device Dissipation, TA=25°C
250(1)
385(2)
mW
Total Device Dissipation, Derate above 25°C
PD
2.0(1)
3.0(2)
mW/°C
Thermal Resistance, Junction to Ambient
R
θJA
493(1)
325(2)
°C/W
Thermal Resistance, Junction to Lead
R
θJL
188(1)
208(2)
°C/W
Junction Temperature & Storage Temperature
TJ,TSTG
-55~150
°C
Note:
1.
FR-4 @ minimum pad
2.
FR-4 @ 1.0 x 1.0 inch pad
SOT-363
B
L
F
H
C
J
D G
K
A
E
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.00
2.20
G
0.100 REF.
B
2.15
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.15
D
0.90
1.10
K
E
1.20
1.40
L
0.650 TYP.
F
0.15
0.35


Similar Part No. - SMUN5311DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMUN5311DW1T1G ONSEMI-SMUN5311DW1T1G Datasheet
270Kb / 34P
   Dual Bias Resistor Transistors
March, 2014 ??Rev. 14
SMUN5311DW1T1G ONSEMI-SMUN5311DW1T1G Datasheet
99Kb / 10P
   Complementary Bias Resistor Transistors
May, 2014 ??Rev. 2
SMUN5311DW1T2G ONSEMI-SMUN5311DW1T2G Datasheet
270Kb / 34P
   Dual Bias Resistor Transistors
March, 2014 ??Rev. 14
SMUN5311DW1T2G ONSEMI-SMUN5311DW1T2G Datasheet
99Kb / 10P
   Complementary Bias Resistor Transistors
May, 2014 ??Rev. 2
SMUN5311DW1T3G ONSEMI-SMUN5311DW1T3G Datasheet
99Kb / 10P
   Complementary Bias Resistor Transistors
May, 2014 ??Rev. 2
More results

Similar Description - SMUN5311DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT2227Q DIODES-MMDT2227Q Datasheet
458Kb / 6P
   40V COMPLEMENTARY NPN/PNP SMALL SIGNAL TRANSISTOR
logo
Micro Commercial Compon...
BC846BPN MCC-BC846BPN Datasheet
600Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
BC847PN MCC-BC847PN Datasheet
320Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
BC847PN MCC-BC847PN_13 Datasheet
350Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
logo
Diodes Incorporated
DST3946DPJ DIODES-DST3946DPJ_16 Datasheet
428Kb / 9P
   40V COMPLEMENTARY NPN/PNP SMALL SIGNAL TRANSISTOR
logo
STMicroelectronics
SOA56 STMICROELECTRONICS-SOA56 Datasheet
35Kb / 4P
   SMALL SIGNAL PNP TRANSISTOR
logo
Taiwan Semiconductor Co...
DTA143ZM TSC-DTA143ZM Datasheet
212Kb / 3P
   PNP Small Signal Transistor
DTC143ZM TSC-DTC143ZM Datasheet
730Kb / 5P
   PNP Small Signal Transistor
DTA123JM TSC-DTA123JM Datasheet
207Kb / 3P
   PNP Small Signal Transistor
logo
Rohm
BCX17 ROHM-BCX17 Datasheet
53Kb / 2P
   PNP small signal transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com