Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMUN5311DW Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SMUN5311DW
Description  NPN / PNP Digital Small Signal Transistor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMUN5311DW Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SMUN5311DW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW Datasheet HTML 9Page - SeCoS Halbleitertechnologie GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Elektronische Bauelemente
SMUN5311DW Series
NPN / PNP
Digital Small Signal Transistors
18-Dec-2009 Rev. A
Page 4 of 28
Figure 1. Derating Curve
300
200
150
100
50
0
50
0
50
100
150
TA, AMBIENT TEMPERATURE (°C)
Rθ JA = 490°C/W
250
ALL SMUN5311DW SERIES DEVICES
DEVICE MARKING AND RESISTOR VALUES
DEVICE
MARKING
R1(K)
R2(K)
DEVICE
MARKING
R1(K)
R2(K)
SMUN5311DW
11
10
10
SMUN5330DW
30
1.0
1.0
SMUN5312DW
12
22
22
SMUN5331DW
31
2.2
2.2
SMUN5313DW
13
47
47
SMUN5332DW
32
4.7
4.7
SMUN5314DW
14
10
47
SMUN5333DW
33
4.7
47
SMUN5315DW
15
10
SMUN5334DW
34
22
47
SMUN5316DW
16
4.7
SMUN5335DW
35
2.2
47
CHARACTERISTIC CURVES


Similar Part No. - SMUN5311DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMUN5311DW1T1G ONSEMI-SMUN5311DW1T1G Datasheet
270Kb / 34P
   Dual Bias Resistor Transistors
March, 2014 ??Rev. 14
SMUN5311DW1T1G ONSEMI-SMUN5311DW1T1G Datasheet
99Kb / 10P
   Complementary Bias Resistor Transistors
May, 2014 ??Rev. 2
SMUN5311DW1T2G ONSEMI-SMUN5311DW1T2G Datasheet
270Kb / 34P
   Dual Bias Resistor Transistors
March, 2014 ??Rev. 14
SMUN5311DW1T2G ONSEMI-SMUN5311DW1T2G Datasheet
99Kb / 10P
   Complementary Bias Resistor Transistors
May, 2014 ??Rev. 2
SMUN5311DW1T3G ONSEMI-SMUN5311DW1T3G Datasheet
99Kb / 10P
   Complementary Bias Resistor Transistors
May, 2014 ??Rev. 2
More results

Similar Description - SMUN5311DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT2227Q DIODES-MMDT2227Q Datasheet
458Kb / 6P
   40V COMPLEMENTARY NPN/PNP SMALL SIGNAL TRANSISTOR
logo
Micro Commercial Compon...
BC846BPN MCC-BC846BPN Datasheet
600Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
BC847PN MCC-BC847PN Datasheet
320Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
BC847PN MCC-BC847PN_13 Datasheet
350Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
logo
Diodes Incorporated
DST3946DPJ DIODES-DST3946DPJ_16 Datasheet
428Kb / 9P
   40V COMPLEMENTARY NPN/PNP SMALL SIGNAL TRANSISTOR
logo
STMicroelectronics
SOA56 STMICROELECTRONICS-SOA56 Datasheet
35Kb / 4P
   SMALL SIGNAL PNP TRANSISTOR
logo
Taiwan Semiconductor Co...
DTA143ZM TSC-DTA143ZM Datasheet
212Kb / 3P
   PNP Small Signal Transistor
DTC143ZM TSC-DTC143ZM Datasheet
730Kb / 5P
   PNP Small Signal Transistor
DTA123JM TSC-DTA123JM Datasheet
207Kb / 3P
   PNP Small Signal Transistor
logo
Rohm
BCX17 ROHM-BCX17 Datasheet
53Kb / 2P
   PNP small signal transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com