Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSM150GB170DN2 Datasheet(PDF) 1 Page - eupec GmbH

Part # BSM150GB170DN2
Description  IGBT Power Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

BSM150GB170DN2 Datasheet(HTML) 1 Page - eupec GmbH

  BSM150GB170DN2 Datasheet HTML 1Page - eupec GmbH BSM150GB170DN2 Datasheet HTML 2Page - eupec GmbH BSM150GB170DN2 Datasheet HTML 3Page - eupec GmbH BSM150GB170DN2 Datasheet HTML 4Page - eupec GmbH BSM150GB170DN2 Datasheet HTML 5Page - eupec GmbH BSM150GB170DN2 Datasheet HTML 6Page - eupec GmbH BSM150GB170DN2 Datasheet HTML 7Page - eupec GmbH BSM150GB170DN2 Datasheet HTML 8Page - eupec GmbH BSM150GB170DN2 Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Oct-27-1997
BSM 150 GB 170 DN2
IGBT Power Module
• Half-bridge
• Including fast free-wheeling diodes
• Package with insulated metal base plate
• RG on,min = 10 Ohm
Type
VCE
IC
Package
Ordering Code
BSM 150 GB 170 DN2
1700V 220A
HALF-BRIDGE 2
C67070-A2704-A67
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE
1700
V
Collector-gate voltage
RGE = 20 kΩ
VCGR
1700
Gate-emitter voltage
VGE
± 20
DC collector current
TC = 25 °C
TC = 80 °C
IC
150
220
A
Pulsed collector current, tp = 1 ms
TC = 25 °C
TC = 80 °C
ICpuls
300
440
Power dissipation per IGBT
TC = 25 °C
Ptot
1250
W
Chip temperature
Tj
+ 150
°C
Storage temperature
Tstg
-40 ... + 125
Thermal resistance, chip case
RthJC
≤ 0.1
K/W
Diode thermal resistance, chip case
RthJCD
≤ 0.32
Insulation test voltage, t = 1min.
Vis
4000
Vac
Creepage distance
-
20
mm
Clearance
-
11
DIN humidity category, DIN 40 040
-
F
sec
IEC climatic category, DIN IEC 68-1
-
40 / 125 / 56


Similar Part No. - BSM150GB170DN2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSM150GB170DN2 SIEMENS-BSM150GB170DN2 Datasheet
131Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
BSM150GB170DN2E3166 SIEMENS-BSM150GB170DN2E3166 Datasheet
129Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Enlarged diode area)
More results

Similar Description - BSM150GB170DN2

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM75GB170DN2 EUPEC-BSM75GB170DN2 Datasheet
313Kb / 10P
   IGBT Power Module
BSM100GB120DN2K EUPEC-BSM100GB120DN2K Datasheet
313Kb / 10P
   IGBT Power Module
BSM200GA120DN2 EUPEC-BSM200GA120DN2 Datasheet
208Kb / 11P
   IGBT Power Module
BSM200GB120DN2 EUPEC-BSM200GB120DN2 Datasheet
180Kb / 11P
   IGBT Power Module
logo
Solid States Devices, I...
PM0002 SSDI-PM0002 Datasheet
83Kb / 2P
   IGBT POWER MODULE
logo
eupec GmbH
BSM50GAL120DN2 EUPEC-BSM50GAL120DN2 Datasheet
142Kb / 6P
   IGBT Power Module
BSM100GB170DN2 EUPEC-BSM100GB170DN2 Datasheet
327Kb / 10P
   IGBT Power Module
BSM50GB170DN2 EUPEC-BSM50GB170DN2 Datasheet
260Kb / 10P
   IGBT Power Module
logo
Solid States Devices, I...
PM0010 SSDI-PM0010_15 Datasheet
82Kb / 2P
   IGBT POWER MODULE
logo
eupec GmbH
BSM75GB120DN2 EUPEC-BSM75GB120DN2 Datasheet
310Kb / 10P
   IGBT Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com