Electronic Components Datasheet Search |
|
BSM300GA170DN2 Datasheet(PDF) 1 Page - eupec GmbH |
|
BSM300GA170DN2 Datasheet(HTML) 1 Page - eupec GmbH |
1 / 10 page 1 Oct-27-1997 BSM 300 GA 170 DN2 IGBT Power Module • Single switch • Including fast free-wheeling diodes • Package with insulated metal base plate • RG on,min = 5.6 Ohm Type VCE IC Package Ordering Code BSM 300 GA 170 DN2 1700V 440A SINGLE SWITCH 1 C67070-A2706-A67 BSM 300 GA 170 DN2 S 1700V 440A SSW SENSE 1 C67070-A2708-A67 Maximum Ratings Parameter Symbol Values Unit Collector-emitter voltage VCE 1700 V Collector-gate voltage RGE = 20 kΩ VCGR 1700 Gate-emitter voltage VGE ± 20 DC collector current TC = 25 °C TC = 80 °C IC 300 440 A Pulsed collector current, tp = 1 ms TC = 25 °C TC = 80 °C ICpuls 600 880 Power dissipation per IGBT TC = 25 °C Ptot 2500 W Chip temperature Tj + 150 °C Storage temperature Tstg -40 ... + 125 Thermal resistance, chip case RthJC ≤ 0.05 K/W Diode thermal resistance, chip case RthJCD ≤ 0.17 Insulation test voltage, t = 1min. Vis 4000 Vac Creepage distance - 20 mm Clearance - 11 DIN humidity category, DIN 40 040 - F sec IEC climatic category, DIN IEC 68-1 - 40 / 125 / 56 |
Similar Part No. - BSM300GA170DN2 |
|
Similar Description - BSM300GA170DN2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |