Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1031SH Datasheet(PDF) 1 Page - eupec GmbH

Part # D1031SH
Description  Fast Hard Drive Diod e
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

D1031SH Datasheet(HTML) 1 Page - eupec GmbH

  D1031SH Datasheet HTML 1Page - eupec GmbH D1031SH Datasheet HTML 2Page - eupec GmbH D1031SH Datasheet HTML 3Page - eupec GmbH D1031SH Datasheet HTML 4Page - eupec GmbH D1031SH Datasheet HTML 5Page - eupec GmbH D1031SH Datasheet HTML 6Page - eupec GmbH D1031SH Datasheet HTML 7Page - eupec GmbH D1031SH Datasheet HTML 8Page - eupec GmbH D1031SH Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SH
Schnelle besch altungslose Diode
Fast Hard Drive Diod e
Datenblatt / Data sheet
D 1031SH
1/10
Seite/page
Kenndaten
Elektrische Eigenschaften
Elektrisch e Eig enschaften / Electrical properties
Höchstzul ässige Werte / M aximum rated val ues
Periodische Rüc kwärts-Spitzensperrspannung
repetiti ve peak reverse voltages
Tvj = 0°C... Tvjmax
VRRM
4500 V
Durchlaßstrom-Grenzeffekti vwert
maxi mum RMS on-state current
IFRMSM
2300 A
Dauergrenzstrom
average on-state c urrent
TC = 85°C, f=50Hz
TC = 60°C, f=50Hz
IFAVM
1140
1470
A
A
Stoßstrom-Grenz wert
surge current
Tvj = 25 °C, tP = 10 ms
Tvj = Tvjmax, tP = 10 ms
IFSM
23000
A
A
Grenzlastintegral
I²t-value
Tvj = 25 °C, tP = 10 ms
Tvj = Tvjmax, tP = 10 ms
I²t
2645
10³ A²s
10³ A²s
Max. Aussc haltverluste
max. turn-off loss es
Tvj= Tvjmax
IFM = 2500A, -di/dt = 1000A/µs,
VCL = 2800V,
clamp circuit LS ≤ 0,25µH,
RCL = 68
Ω, DCL = 34DSH 65,
Wmax
4 MW
Charakteristische Werte / Characteristic values
Gleichsperrspannung
continuous direct reverse voltage
failure rate
λ < 100
VR(D)
estimate
value
2800 V
Durchlaßspannung
on-state voltage
Tvj = Tvjmax , iF = 2500A
vF
typ.
max.
3,85
4,2
V
V
Schleus ens pannung
threshold voltage
Tvj = Tvjmax
V(TO)
typ.
max.
1,63
1,78
V
V
Ersatzwi derstand
slope resistanc e
Tvj = Tvjmax
rT
typ.
max.
0,888
0,968
mΩ
mΩ
A 0,55
B -3,27E-5
C -0,0692
typ.
D 0,0784
A 0,599
B -3,69E-5
C -0,0755
Durchlaßkennlinie
1000A
≤ iF ≤ 2500A
on-state c haracteristic
Tvj = Tvjmax
max.
D 0,0853
Spitzenwert der Durchlass verzögerungsspannung
peak value of for ward recovery voltage
Tvj= Tvjmax, diF/dt = 5000A/µs
IFM= 4000A
VFRM
typ.
350 V
Sperrstrom
reverse c urrent
Tvj = Tvjmax, vR = VRRM
iR
max.
100 mA
Sperrverz ögerungsladung
recover ed c harge
Qr
max.
3500
µAs
Rüc kstromspitz e
peak reverse r ecover y c urrent
IRM
max.
1500 A
Ausschaltverlust Energie
turn-off energy
Tvj= Tvjmax
IFM = 2500A, -di/dt = 1000A/µs,
VCL = 2800V,
clamp circuit LS ≤ 0,25µH,
RCL = 68Ω, CCL = 3µF,
DCL = 34DSH65,
Eoff
max.
7 Ws
Abklingsanftheit
reverse recover y softness fac tor
Tvj= Tvjmax
IFM = 2500A, VR = 2800 V,
dirr/dt(i=0) = 1000A/
µs, ∆t = 200ns
FRRS
typ.
1,6
prepar ed by: C. Schneider
date of publication:
2005-04-15
approved by: J. Przybilla
revision:
5
T
T
T
F
i
D
i
Ln
C
i
B
A
v
+
+
+
+
=
)
1
(


Similar Part No. - D1031SH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
D1031SH INFINEON-D1031SH Datasheet
357Kb / 11P
   Full blocking capability 50/60Hz over a wide temperature range
2015-04-01 Revision: 8.2
More results

Similar Description - D1031SH

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
D911SH EUPEC-D911SH Datasheet
270Kb / 10P
   Fast Hard Drive Diod e
D1131SH EUPEC-D1131SH Datasheet
218Kb / 10P
   Fast Hard Drive Diod e
D1121SH EUPEC-D1121SH Datasheet
185Kb / 6P
   Fast Hard Drive Diod e
D931SH EUPEC-D931SH Datasheet
304Kb / 10P
   Fast Hard Drive Diode
D1961SH EUPEC-D1961SH Datasheet
270Kb / 10P
   Fast Hard Drive Diode
logo
Shanghai Leiditech Elec...
SDA1511DN LEIDITECH-SDA1511DN Datasheet
1Mb / 4P
   UNI-DIRECTIONAL TVS DIOD E
SDA1501DN LEIDITECH-SDA1501DN Datasheet
1Mb / 4P
   UNI-DIRECTIONAL TVS DIOD E
logo
eupec GmbH
D1331SH EUPEC-D1331SH Datasheet
219Kb / 10P
   Schnelle beschaltungslose Diode Fast Hard Drive Diode
logo
IBM
09N4268 IBM-09N4268 Datasheet
2Mb / 54P
   ThinkPad Hard Disk Drive
logo
A-Data Technology
NH03 A-DATA-NH03 Datasheet
501Kb / 1P
   NH03 External Hard Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com