Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1121SH Datasheet(PDF) 5 Page - eupec GmbH

Part # D1121SH
Description  Fast Hard Drive Diod e
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

D1121SH Datasheet(HTML) 5 Page - eupec GmbH

  D1121SH Datasheet HTML 1Page - eupec GmbH D1121SH Datasheet HTML 2Page - eupec GmbH D1121SH Datasheet HTML 3Page - eupec GmbH D1121SH Datasheet HTML 4Page - eupec GmbH D1121SH Datasheet HTML 5Page - eupec GmbH D1121SH Datasheet HTML 6Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Zieldaten
Possible Data
SH
Schnelle besch altungslose Diode
Fast Hard Drive Diod e
Datenblatt / Data sheet
D1121SH
5/6
Seite/page
Diagramme
Diagramme
Durchlasskennlinie
0
500
1000
1500
2000
2500
3000
0
123
4567
vF [V ]
typ.
ma x.
Grenzdurchlaßkennlinie / Limiting on-state characteristic iF = f(vF)
Tvj = Tvj max


Similar Part No. - D1121SH

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D112 MPD-D112 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
NXP Semiconductors
D112575 NXP-D112575 Datasheet
690Kb / 8P
   RF Power LDMOS Transistor
logo
Tyco Electronics
D11298-000 MACOM-D11298-000 Datasheet
610Kb / 11P
   20mm Series Metal Oxide Varistors
logo
MicroPower Direct, LLC
D112D MPD-D112D Datasheet
141Kb / 2P
   Miniature, 1W SIP Dual Isolated Output DC/DC Con vert ers
D112E MPD-D112E Datasheet
183Kb / 2P
   Low Cost, 1W SIP Single & Dual Output DC/DC Converters
More results

Similar Description - D1121SH

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
D911SH EUPEC-D911SH Datasheet
270Kb / 10P
   Fast Hard Drive Diod e
D1131SH EUPEC-D1131SH Datasheet
218Kb / 10P
   Fast Hard Drive Diod e
D1031SH EUPEC-D1031SH Datasheet
253Kb / 10P
   Fast Hard Drive Diod e
D931SH EUPEC-D931SH Datasheet
304Kb / 10P
   Fast Hard Drive Diode
D1961SH EUPEC-D1961SH Datasheet
270Kb / 10P
   Fast Hard Drive Diode
logo
Shanghai Leiditech Elec...
SDA1511DN LEIDITECH-SDA1511DN Datasheet
1Mb / 4P
   UNI-DIRECTIONAL TVS DIOD E
SDA1501DN LEIDITECH-SDA1501DN Datasheet
1Mb / 4P
   UNI-DIRECTIONAL TVS DIOD E
logo
eupec GmbH
D1331SH EUPEC-D1331SH Datasheet
219Kb / 10P
   Schnelle beschaltungslose Diode Fast Hard Drive Diode
logo
IBM
09N4268 IBM-09N4268 Datasheet
2Mb / 54P
   ThinkPad Hard Disk Drive
logo
A-Data Technology
NH03 A-DATA-NH03 Datasheet
501Kb / 1P
   NH03 External Hard Drive
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com