Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D3501N Datasheet(PDF) 1 Page - eupec GmbH

Part # D3501N
Description  Rectifier Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

D3501N Datasheet(HTML) 1 Page - eupec GmbH

  D3501N Datasheet HTML 1Page - eupec GmbH D3501N Datasheet HTML 2Page - eupec GmbH D3501N Datasheet HTML 3Page - eupec GmbH D3501N Datasheet HTML 4Page - eupec GmbH D3501N Datasheet HTML 5Page - eupec GmbH D3501N Datasheet HTML 6Page - eupec GmbH D3501N Datasheet HTML 7Page - eupec GmbH D3501N Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
N
Netz-Gleichrichterdiode
Rectifier Diode
Datenblatt / Data sheet
D 3501N
BIP AC / SM PB 2003-05-27, Schneider / Keller
1/8
Seite/page
Kenndaten
Elektrische Eigenschaften
Elektrisch e Eig enschaften / Electrical properties
Höchstzul ässige Werte / M aximum rated val ues
Periodische Rüc kwärts-Spitzensperrspannung
repetiti ve peak reverse voltages
Tvj = -40°C... Tvjmax
VRRM
3200
4000
3600
4200
V
V
Periodische Rüc kwärts-Spitzensperrspannung
repetiti ve peak reverse voltages
Tvj = 0°C... Tvjmax
VRRM
3300
4100
3700
4300
V
V
Durchlaßstrom-Grenzeffekti vwert
maxi mum RMS on-state current
IFRMSM
8200 A
Dauergrenzstrom
average on-state c urrent
TC = 100 °C
TC = 60 °C
IFAVM
3690
5220
A
A
Stoßstrom-Grenz wert
surge current
Tvj = 25 °C, tP = 10 ms
Tvj = Tvjmax, tP = 10 ms
IFSM
63000
56000
A
A
Grenzlastintegral
I²t-value
Tvj = 25 °C, tP = 10 ms
Tvj = Tvjmax, tP = 10 ms
I²t
19850
15680
10³ A²s
10³ A²s
Charakteristische Werte / Characteristic values
Durchlaßspannung
on-state voltage
Tvj = Tvjmax , iF = 4000 A
vF
typ.
max.
1,2
1,27
V
V
Schleus ens pannung
threshold voltage
Tvj = Tvjmax
V(TO)
typ.
max.
0,700
0,734
V
V
Ersatzwi derstand
slope resistanc e
Tvj = Tvjmax
rT
typ.
max.
0,125
0,134
mΩ
mΩ
A 0,5994
B 2,898E-5
C -0,02377
typ.
D 0,01088
A 0,5978
B 3,158E-5
C -0,01954
Durchlaßkennlinie
1500A
≤ iF ≤ 4000A
on-state c haracteristic
Tvj = Tvjmax
max.
D 0,01114
Rückwärts-Sperrstrom
reverse current
Tvj = Tvjmax, vR = VRRM
iR
max.
100 mA
prepar ed by: C. Schneider
date of publication:
2005-04-15
approved by: J. Przybilla
revision:
5
T
T
T
F
i
D
i
Ln
C
i
B
A
v
+
+
+
+
=
)
1
(


Similar Part No. - D3501N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
D3501N INFINEON-D3501N Datasheet
250Kb / 9P
   Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 8.1
More results

Similar Description - D3501N

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com