Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DD435N Datasheet(PDF) 6 Page - eupec GmbH

Part # DD435N
Description  Rectifier Diode Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

DD435N Datasheet(HTML) 6 Page - eupec GmbH

Back Button DD435N Datasheet HTML 2Page - eupec GmbH DD435N Datasheet HTML 3Page - eupec GmbH DD435N Datasheet HTML 4Page - eupec GmbH DD435N Datasheet HTML 5Page - eupec GmbH DD435N Datasheet HTML 6Page - eupec GmbH DD435N Datasheet HTML 7Page - eupec GmbH DD435N Datasheet HTML 8Page - eupec GmbH DD435N Datasheet HTML 9Page - eupec GmbH DD435N Datasheet HTML 10Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
N
Netz-Dioden-Modul
Rectifier Diode Module
Datenblatt / Data sheet
DD435N
BIP AC/ 05-03-10, C. Drilling
A04/05
6/10
Rev. 2
Seite/page
Diagramme
Diagramme
Durchgangsverluste
Gehäusetemperatur
0
200
400
600
800
1000
1200
1400
0
200
400
600
800
IFAV [A]
120 ° rec
180 ° sin
180 ° rec
DC
Θ= 60 ° rec
Durchlassverlustleistung je Zweig / On-state power loss per arm PFAV = f(IFAV)
Parameter: Stromflußwinkel / Current conduction angle Θ
20
40
60
80
100
120
140
160
0
200
400
600
800
IFAVM [A]
DC
Θ= 60 ° rec
120 ° rec
180 ° rec
180 ° sin
Höchstzulässige Gehäusetemperatur / Maximum allowable case temperature TC = f(IFAVM)
Strombelastung je Zweig / Current load per arm
Berechungsgrundlage PTAV (Schaltverluste gesondert berücksichtigen)
Calculation base PTAV (switching losses should be considered separately)
Parameter: Stromflußwinkel Θ / Current conduction angle Θ


Similar Part No. - DD435N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DD435N INFINEON-DD435N Datasheet
653Kb / 11P
   Pressure contact technology for high reliability
2016-09-27 Revision 3.0
More results

Similar Description - DD435N

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
DD261N EUPEC-DD261N Datasheet
273Kb / 10P
   Rectifier Diode Module
DD260N EUPEC-DD260N Datasheet
240Kb / 10P
   Rectifier Diode Module
ND350N EUPEC-ND350N Datasheet
242Kb / 10P
   Rectifier Diode Module
DZ950N EUPEC-DZ950N Datasheet
232Kb / 10P
   Rectifier Diode Module
logo
New Jersey Semi-Conduct...
SKKE600 NJSEMI-SKKE600 Datasheet
305Kb / 3P
   Rectifier Diode Module
logo
Inchange Semiconductor ...
DD540N22K ISC-DD540N22K Datasheet
340Kb / 2P
   Diode Rectifier Module
logo
eupec GmbH
DD104N EUPEC-DD104N Datasheet
239Kb / 10P
   Rectifier Diode Module
logo
Infineon Technologies A...
DDB6U85N16L INFINEON-DDB6U85N16L Datasheet
337Kb / 7P
   Rectifier Diode Module
Rev.2
logo
Inchange Semiconductor ...
ND260N12K ISC-ND260N12K Datasheet
340Kb / 2P
   Diode Rectifier Module
logo
eupec GmbH
DZ540N EUPEC-DZ540N Datasheet
274Kb / 10P
   Rectifier Diode Module
DZ1070N EUPEC-DZ1070N Datasheet
231Kb / 10P
   Rectifier Diode Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com