Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDB2U30N08VR Datasheet(PDF) 3 Page - eupec GmbH

Part # DDB2U30N08VR
Description  IGBT-modules
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

DDB2U30N08VR Datasheet(HTML) 3 Page - eupec GmbH

  DDB2U30N08VR Datasheet HTML 1Page - eupec GmbH DDB2U30N08VR Datasheet HTML 2Page - eupec GmbH DDB2U30N08VR Datasheet HTML 3Page - eupec GmbH DDB2U30N08VR Datasheet HTML 4Page - eupec GmbH DDB2U30N08VR Datasheet HTML 5Page - eupec GmbH DDB2U30N08VR Datasheet HTML 6Page - eupec GmbH DDB2U30N08VR Datasheet HTML 7Page - eupec GmbH DDB2U30N08VR Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Technische Information / technical information
DDB2U30N08VR
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
Diode-Brems-Chopper / Diode-brake-chopper
Höchstzulässige Werte / maximum rated values
$
%
"
&'( ) *+,
-../
B
-
0
1
0,
#
67
9
$
%
1
"
#
; )
1
67./
9
2
%
6>
-. )
-< N )
1 < &'( )
*+,
6>
<
9>
Charakteristische Werte / characteristic values
1
1 4
0
:
#
67 )
9< -\X )
-
67 )
9< -\X )
-
-7
< *
<C
< *
-
-
&'( ) *+,
&'( )
*+,
! "
1
%
"
67 )
9<
7K
) C* 9K_
-. ) =
-
-\X )
* -
6./
C<
<
9
9
&'( ) *+,
&'( )
*+,
$
%c
67 )
9<
7K
) C* 9K_
-. ) =
-
-\X )
* -
^V
<=*
<B*
_,
_,
&'( ) *+,
&'( )
*+,
9
67 )
9<
7K
) C* 9K_
-. ) =
-
-\X )
* -
AVQl
<
< *
1h
1h
&'( ) *+,
&'( )
*+,
6
EF 1 #
1
< G
0
HIJ5
=<C
<=
KE
L
EF 1 #
1
<
"
0
K
MNOPHQ )
EKR1S T KMUVQOPQ )
EKR1S T
HI5W
<
KE
NTC-Widerstand / NTC-thermistor
Charakteristische Werte / characteristic values
1
1 4
m
#
&5 ) *+,
no
*<
"D
9 #
pqq
pqq
&5 )
+,<
pqq ) C= D
r K
*
*
s
-
#
&5 ) *+,
no
<
1E
k E
k
n )
no 4 tknouoqR K&n
KR C < *
TTv
knouoq
== *


Similar Part No. - DDB2U30N08VR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DDB2U50N08W1R-B23 INFINEON-DDB2U50N08W1R-B23 Datasheet
515Kb / 9P
   Auxiliary inverters
2011-02-26 revision:2.0
DDB2U50N08W1R_B23 INFINEON-DDB2U50N08W1R_B23 Datasheet
515Kb / 9P
   MOS-FET Modul
2011-02-26 revision:2.0
More results

Similar Description - DDB2U30N08VR

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM15GP120 EUPEC-BSM15GP120 Datasheet
199Kb / 11P
   IGBT-Modules
logo
IXYS Corporation
L426 IXYS-L426 Datasheet
128Kb / 4P
   IGBT Modules
MWI100-12E8 IXYS-MWI100-12E8 Datasheet
71Kb / 2P
   IGBT Modules
logo
Semikron International
SKM25GAH125D SEMIKRON-SKM25GAH125D Datasheet
166Kb / 5P
   IGBT Modules
SKM200GAL173D SEMIKRON-SKM200GAL173D Datasheet
725Kb / 6P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D_08 Datasheet
725Kb / 6P
   IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
   IGBT Modules
SKM22GD123D SEMIKRON-SKM22GD123D_09 Datasheet
635Kb / 6P
   IGBT modules
SKM100GB173D SEMIKRON-SKM100GB173D Datasheet
563Kb / 4P
   IGBT Modules
SKM145GB123D SEMIKRON-SKM145GB123D Datasheet
599Kb / 4P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D Datasheet
704Kb / 4P
   IGBT Modules
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com