Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD400R12KE3_B5 Datasheet(PDF) 6 Page - eupec GmbH

Part # FD400R12KE3_B5
Description  62mm C-series module with trench/fieldstop IGBT3 and EmCon High Efficiency series diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FD400R12KE3_B5 Datasheet(HTML) 6 Page - eupec GmbH

  FD400R12KE3_B5 Datasheet HTML 1Page - eupec GmbH FD400R12KE3_B5 Datasheet HTML 2Page - eupec GmbH FD400R12KE3_B5 Datasheet HTML 3Page - eupec GmbH FD400R12KE3_B5 Datasheet HTML 4Page - eupec GmbH FD400R12KE3_B5 Datasheet HTML 5Page - eupec GmbH FD400R12KE3_B5 Datasheet HTML 6Page - eupec GmbH FD400R12KE3_B5 Datasheet HTML 7Page - eupec GmbH FD400R12KE3_B5 Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Technische Information / technical information
FD400R12KE3_B5
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
#
0
U
W
#
0
U
W
#
0
U
W
#
0
U
W
>
$
U
W
>
$
U
W
>
$
U
W
>
$
U
W
"SPi ( U3fW
"SPi ( U3fW
"SPi ( U3fW
"SPi ( U3fW
@54 ( N2 ,-. (
,
@54 ( N2 ,-. (
,
@54 ( N2 ,-. (
,
@54 ( N2 ,-. (
,
3f u7v
0 80 160 240 320 400 480 560 640 720 800
50
45
40
35
30
25
20
15
10
5
0
"SPi2 %&' (
)*+
#
0
U
W
#
0
U
W
#
0
U
W
#
0
U
W
>
$
U
W
>
$
U
W
>
$
U
W
>
$
U
W
"SPi ( U @W
"SPi ( U @W
"SPi ( U @W
"SPi ( U @W
3f (
72 ,-. (
,
3f (
72 ,-. (
,
3f (
72 ,-. (
,
3f (
72 ,-. (
,
@ uNv
0
2
4
6
8
10 12 14 16 18
50
45
40
35
30
25
20
15
10
5
0
"SPi2 %&' (
)*+
%
D
>
0
%
D
>
0
%
D
>
0
%
D
>
0
w?Ha- ( U W
w?Ha- ( U W
w?Ha- ( U W
w?Ha- ( U W
u v
0,001
0,01
0,1
1
10
0,001
0,01
0,1
1
w?Ha- 0
Lu B
v
Lu v
2
1
2
M
2
)
2
J
J
2 )) 1
2
2
M
2
MM


Similar Part No. - FD400R12KE3_B5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FD400R12KE3_B5 INFINEON-FD400R12KE3_B5 Datasheet
434Kb / 8P
   62mm C-Serien Modul mit Trench/Feldstop IGBT3 und Emitter Controlled High Efficiency Reihendiode
2013-10-03 revision:2.0
More results

Similar Description - FD400R12KE3_B5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FD200R12KE3 INFINEON-FD200R12KE3 Datasheet
291Kb / 9P
   62mm C-series module with trench/fieldstop IGBT3 and EmCon High Efficiency diode
2008-08-06 revision:3.3
logo
eupec GmbH
FF150R12KE3G EUPEC-FF150R12KE3G Datasheet
288Kb / 8P
   62mm C-series module with the trench/fieldstop IGBT3 and Emcon High Efficiency diode
logo
Infineon Technologies A...
FF300R12KT3 INFINEON-FF300R12KT3 Datasheet
264Kb / 8P
   62mm C-series module with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
2007-10-19 revision:3.0
logo
eupec GmbH
FZ300R12KE3B1G EUPEC-FZ300R12KE3B1G Datasheet
264Kb / 8P
   62mm C-series module with the trench/fieldstop IGBT3 and Emcon High Efficiency diode
logo
Infineon Technologies A...
FF400R12KE3 INFINEON-FF400R12KE3 Datasheet
265Kb / 8P
   62mm C-Series module with trench/fieldstopp IGBT3 and EmCon High Efficiency diode
2007-09-11 revision:3.1
logo
eupec GmbH
FF200R17KE3 EUPEC-FF200R17KE3_07 Datasheet
267Kb / 8P
   62mm C-series module with trench/fieldstop IGBT and EmCon diode
FZ400R17KE3 EUPEC-FZ400R17KE3 Datasheet
266Kb / 8P
   62mm C-series module with trench/fieldstop IGBT and EmCon diode
FF300R17KE3 EUPEC-FF300R17KE3 Datasheet
264Kb / 8P
   62mm C-series module with trench/fieldstop IGBT3 and EmCon3 diode
logo
Infineon Technologies A...
FF300R12ME3 INFINEON-FF300R12ME3 Datasheet
299Kb / 8P
   EconoDUAL module with trench/fieldstop IGBT3 and EmCon High Efficiency diode
2011-03-01 revision:2.3
FF450R12ME3 INFINEON-FF450R12ME3 Datasheet
299Kb / 8P
   EconoDUAL module with trench/fieldstop IGBT3 and EmCon High Efficiency diode
2011-03-04 revision:2.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com