Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP50R12KT3 Datasheet(PDF) 3 Page - eupec GmbH

Part # FP50R12KT3
Description  IGBT-modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FP50R12KT3 Datasheet(HTML) 3 Page - eupec GmbH

  FP50R12KT3 Datasheet HTML 1Page - eupec GmbH FP50R12KT3 Datasheet HTML 2Page - eupec GmbH FP50R12KT3 Datasheet HTML 3Page - eupec GmbH FP50R12KT3 Datasheet HTML 4Page - eupec GmbH FP50R12KT3 Datasheet HTML 5Page - eupec GmbH FP50R12KT3 Datasheet HTML 6Page - eupec GmbH FP50R12KT3 Datasheet HTML 7Page - eupec GmbH FP50R12KT3 Datasheet HTML 8Page - eupec GmbH FP50R12KT3 Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Technische Information / technical information
FP50R12KT3
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
IGBT-Brems-Chopper / IGBT-brake-chopper
Höchstzulässige Werte / maximum rated values
!
"#
$
#
$
%&' ( )*+
,-./
0
,
!
1
$
#
1+
%e (
*+
%e ( )*+
2-345
2-
J
))
6
!
#
!
7 ( 0 # 8 %- (
*+
2-9:
;
# ,
$
<
%- ( )*+
6=4=
0
>
;
"#
$
$
#
!
$
,?./
@A
,
Charakteristische Werte / characteristic values
#
# B
!
"#
C $
$
$
#
$
2- ( J
8 ,?. ( 0) ,8 %&' ( )*+
2- ( J
8 ,?. ( 0) ,8 %&' ( 0 )*+
,-. DE=
08
8 )
8
,
,
;
<
$
$
$
2- ( 08) # 8 ,-. ( ,?.8 %&' ( )*+
,?.=G
)8
)8
H8)
,
;
$
$
$
,?. ( 0) ,
@0) ,
I?
8
K+
2
;
<
$
?L3=
H8
M
" $
$ !
C
( 0 NO 8 %&' ( )*+
,-. ( ) ,8 ,?. (
,
+LPD
8)
Q
R !< !
$ !
C
( 0 NO 8 %&' ( )*+
,-. ( ) ,8 ,?. (
,
+SPD
8 F
Q
!
"#
#
#
,-. ( 0
,8 ,?. (
,8 %&' ( )*+
2-./
)8
#
;
"#
#
$
#
! $
,-. (
,8 ,?. (
,8 %&' ( )*+
2?./
J
"
T$
$
U
V
W
# U
W
2- ( J
8 ,-. ( H
,
,?. ( X0) ,8
?43 (
M8 %&' ( )*+
,?. ( X0) ,8
?43 (
M8 %&' ( 0 )*+
Y 43
8 F
8 F
K
K
$
U
!
V
W
# U
W
2- ( J
8 ,-. ( H
,
,?. ( X0) ,8
?43 (
M8 %&' ( )*+
,?. ( X0) ,8
?43 (
M8 %&' ( 0 )*+
S
8
8 )
K
K
T$
$
U
V
W
# U
W
2- ( J
8 ,-. ( H
,
,?. ( X0) ,8
?4ZZ (
M8 %&' ( )*+
,?. ( X0) ,8
?4ZZ (
M8 %&' ( 0 )*+
Y 4ZZ
8J
8)
K
K
Q
U
!
V
W
# U
W
2- ( J
8 ,-. ( H
,
,?. ( X0) ,8
?4ZZ (
M8 %&' ( )*+
,?. ( X0) ,8
?4ZZ (
M8 %&' ( 0 )*+
Z
8
8 F
K
K
"
$
6
$
2- ( J
8 ,-. ( H
,
,?. ( X0) ,8
?43 (
M8 %&' ( )*+
,?. ( X0) ,8
?43 (
M8 %&' ( 0 )*+
"43
J80
H8
#[
#[
$
6
$
2- ( J
8 ,-. ( H
,
,?. ( X0) ,8
?4ZZ (
M8 %&' ( )*+
,?. ( X0) ,8
?4ZZ (
M8 %&' ( 0 )*+
"4ZZ
80
8H
#[
#[
\
+
7 ] 0 K
8 ,?. ] 0) ,
%&'] 0 )*+8 ,-- ( F
,8 ,-.5E^ ( ,-./ VD-. _
A
2/-
0H
2
>C # <
#
8 `
2;a%
2;a%
=Gb-
8H
A>


Similar Part No. - FP50R12KT3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP50R12KT3 INFINEON-FP50R12KT3 Datasheet
570Kb / 11P
   IGBT-Module
2013-10-03 revision:2.0
More results

Similar Description - FP50R12KT3

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM15GP120 EUPEC-BSM15GP120 Datasheet
199Kb / 11P
   IGBT-Modules
logo
IXYS Corporation
L426 IXYS-L426 Datasheet
128Kb / 4P
   IGBT Modules
MWI100-12E8 IXYS-MWI100-12E8 Datasheet
71Kb / 2P
   IGBT Modules
logo
Semikron International
SKM25GAH125D SEMIKRON-SKM25GAH125D Datasheet
166Kb / 5P
   IGBT Modules
SKM200GAL173D SEMIKRON-SKM200GAL173D Datasheet
725Kb / 6P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D_08 Datasheet
725Kb / 6P
   IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
   IGBT Modules
SKM22GD123D SEMIKRON-SKM22GD123D_09 Datasheet
635Kb / 6P
   IGBT modules
SKM100GB173D SEMIKRON-SKM100GB173D Datasheet
563Kb / 4P
   IGBT Modules
SKM145GB123D SEMIKRON-SKM145GB123D Datasheet
599Kb / 4P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D Datasheet
704Kb / 4P
   IGBT Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com