Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8033 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL8033
Description  Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8033 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL8033 Datasheet HTML 5Page - Intersil Corporation ISL8033 Datasheet HTML 6Page - Intersil Corporation ISL8033 Datasheet HTML 7Page - Intersil Corporation ISL8033 Datasheet HTML 8Page - Intersil Corporation ISL8033 Datasheet HTML 9Page - Intersil Corporation ISL8033 Datasheet HTML 10Page - Intersil Corporation ISL8033 Datasheet HTML 11Page - Intersil Corporation ISL8033 Datasheet HTML 12Page - Intersil Corporation ISL8033 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ISL8033, ISL8033A
9
FN6854.2
March 24, 2011
FIGURE 9. LOAD REGULATION, VOUT = 2.5V TA = +25°C
FIGURE 10. LOAD REGULATION, VOUT = 3.3V TA = +25°C
FIGURE 11. STEADY STATE OPERATION AT NO LOAD CHANNEL 1
(PWM)
FIGURE 12. STEADY STATE OPERATION AT NO LOAD CHANNEL 2
(PWM)
FIGURE 13. STEADY STATE OPERATION WITH FULL LOAD
CHANNEL 1
FIGURE 14. STEADY STATE OPERATION WITH FULL LOAD
CHANNEL 2
Typical Operating Performance ISL8033
Unless otherwise noted, operating conditions are:
TA = +25°C, VIN = 5V, EN = VIN, L1 = L2 = 1.5µH, C1 = C2 = C4 = 2x22µF, VOUT1 =1.2V, VOUT2 = 1.8V,
IOUT1 = IOUT2 = 0A to 3A. (Continued)
IOUT (A)
2.460
2.465
2.470
2.475
2.480
2.485
2.490
0.00.5
1.01.5
2.02.5
3.0
3.3VIN
5VIN
3.240
3.245
3.250
3.255
3.260
3.265
3.270
0.0
0.5
1.0
1.5
2.0
2.5
3.0
IOUT (A)
5VIN
LX1 2V/DIV
VOUT1 RIPPLE 20mV/DIV
IL1 0.5A/DIV
.
LX2 2V/DIV
VOUT2 RIPPLE 20mV/DIV
IL2 0.5A/DIV
LX1 2V/DIV
VOUT1 RIPPLE 20mV/DIV
IL1 2A/DIV
LX1 2V/Div
VOUT1 RIPPLE 20mV/Div
IL1 2A/Div
LX2 2V/DIV
VOUT2 RIPPLE 20mV/DIV
IL2 2A/DIV


Similar Part No. - ISL8033

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8033 INTERSIL-ISL8033 Datasheet
1Mb / 17P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8033 INTERSIL-ISL8033 Datasheet
1Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8033 RENESAS-ISL8033 Datasheet
2Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8033A INTERSIL-ISL8033A Datasheet
1Mb / 17P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8033A INTERSIL-ISL8033A Datasheet
1Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL8033

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8033 RENESAS-ISL8033 Datasheet
2Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8033IRZ-T INTERSIL-ISL8033IRZ-T Datasheet
1Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8033 INTERSIL-ISL8033 Datasheet
1Mb / 17P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78213ARZ INTERSIL-ISL78213ARZ Datasheet
1Mb / 16P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
May 12, 2015
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL8013A INTERSIL-ISL8013A Datasheet
1Mb / 17P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8013 INTERSIL-ISL8013 Datasheet
1Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8013 RENESAS-ISL8013 Datasheet
2Mb / 18P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com