Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8033IRZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL8033IRZ
Description  Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8033IRZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL8033IRZ Datasheet HTML 1Page - Intersil Corporation ISL8033IRZ Datasheet HTML 2Page - Intersil Corporation ISL8033IRZ Datasheet HTML 3Page - Intersil Corporation ISL8033IRZ Datasheet HTML 4Page - Intersil Corporation ISL8033IRZ Datasheet HTML 5Page - Intersil Corporation ISL8033IRZ Datasheet HTML 6Page - Intersil Corporation ISL8033IRZ Datasheet HTML 7Page - Intersil Corporation ISL8033IRZ Datasheet HTML 8Page - Intersil Corporation ISL8033IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ISL8033, ISL8033A
5
FN6854.2
March 24, 2011
18, 19
LX1
Switching node connection for Channel 1. Connect to one terminal of inductor for VOUT1.
2, 3,
16, 17
VIN2,
VIN1
Input supply voltage. Connect a 22µF ceramic capacitor to power-ground per channel.
25
PD
The exposed pad must be connected to the PGND pin for proper electrical performance. Add as much vias as
possible under this pad for optimal thermal performance.
Pin Descriptions (Continued)
PIN NUMBER
SYMBOL
DESCRIPTION
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL8033IRZ*
80 33IRZ
-40 to +85
24 Ld 4x4 QFN
L24.4x4D
ISL8033AIRZ*
80 33AIRZ
-40 to +85
24 Ld 4x4 QFN
L24.4x4D
NOTES:
1. Add “-T*” suffix for tape and reel.Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-
free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL8033, ISL8033A. For more information on MSL, please see Technical
Brief TB363.


Similar Part No. - ISL8033IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8033IRZ INTERSIL-ISL8033IRZ Datasheet
1Mb / 17P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8033IRZ RENESAS-ISL8033IRZ Datasheet
2Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8033IRZ-T INTERSIL-ISL8033IRZ-T Datasheet
1Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL8033IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8033 RENESAS-ISL8033 Datasheet
2Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8033IRZ-T INTERSIL-ISL8033IRZ-T Datasheet
1Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8033 INTERSIL-ISL8033 Datasheet
1Mb / 17P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78213ARZ INTERSIL-ISL78213ARZ Datasheet
1Mb / 16P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
May 12, 2015
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL8013A INTERSIL-ISL8013A Datasheet
1Mb / 17P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8013 INTERSIL-ISL8013 Datasheet
1Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8013 RENESAS-ISL8013 Datasheet
2Mb / 18P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com