Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL95871CHRZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL95871CHRZ
Description  SMBus Interfaced Battery Charger with Internal FETs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95871CHRZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL95871CHRZ Datasheet HTML 1Page - Intersil Corporation ISL95871CHRZ Datasheet HTML 2Page - Intersil Corporation ISL95871CHRZ Datasheet HTML 3Page - Intersil Corporation ISL95871CHRZ Datasheet HTML 4Page - Intersil Corporation ISL95871CHRZ Datasheet HTML 5Page - Intersil Corporation ISL95871CHRZ Datasheet HTML 6Page - Intersil Corporation ISL95871CHRZ Datasheet HTML 7Page - Intersil Corporation ISL95871CHRZ Datasheet HTML 8Page - Intersil Corporation ISL95871CHRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
SMBus Interfaced Battery Charger with Internal FETs
ISL95871C
The ISL95871C is a highly integrated Lithium-ion battery charger
controller, programmable over the System Management Bus
(SMBus) with internal switching FETs. High efficiency is achieved
with a DC/DC synchronous-rectifier buck converter, equipped with
diode emulation for enhanced light load efficiency and system bus
boosting prevention. The ISL95871C charges one to four
Lithium-ion series cells, and delivers up to 8A charge current.
Integrated MOSFETs and bootstrap diode result in fewer
components and smaller implementation area. Low offset
current-sense amplifiers provide high accuracy with 10m
Ω sense
resistors. The ISL95871C provides 0.5% battery voltage accuracy.
The ISL95871C also provides a digital output that indicates the
presence of the AC-adapter as well as an analog output which
indicates the adapter current within 4% accuracy.
Applications
• Notebook Computers
• Tablet PCs
• Portable Equipment with Rechargeable Batteries
Features
• Internal Synchronous Buck Output Stage Power FETs
• 0.5% Battery Voltage Accuracy
• 3% Adapter Current Limit Accuracy
• 3% Charge Current Accuracy
• SMBus 2-Wire Serial Interface
• Battery Short Circuit Protection
• Fast Response for Pulse-Charging
• Fast System-Load Transient Response
• Monitor Outputs
- Adapter Current (3% Accuracy)
- AC-Adapter Detection
• 11-Bit Battery Voltage Setting
• 6 Bit Charge Current/Adapter Current Setting
• 8A Maximum Battery Charger Current
• 11A Maximum Adapter Current
• +8V to +22V Adapter Voltage Range
• Pb-Free (RoHS Compliant)
Related Literature
• See AN1590, ISL95871C Evaluation Board User Guide
FIGURE 1. EFFICIENCY vs CHARGE CURRENT AND BATTERY
VOLTAGE (EFFICIENCY DCIN = 20V)
FIGURE 2. DERATING CURVE WITH NATURAL AIR FLOW
(MEASURED ON 10cm x 10cm EVALUATION BOARD)
60
65
70
75
80
85
90
95
100
02
3
4
6
8
CHARGE CURRENT (A)
15
7
1 CELL
2 CELL
4 CELL
3 CELL
0
1
2
3
4
5
6
7
8
9
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (°C)
1 CELL
2 CELL
4 CELL
3 CELL
June 8, 2011
FN6856.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2010, 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL95871CHRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95871CHRZ INTERSIL-ISL95871CHRZ Datasheet
720Kb / 25P
   SMBus Interfaced Battery Charger with Internal FETs
logo
Renesas Technology Corp
ISL95871CHRZ RENESAS-ISL95871CHRZ Datasheet
1Mb / 26P
   SMBus Interfaced Battery Charger with Internal FETs
More results

Similar Description - ISL95871CHRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95871C INTERSIL-ISL95871C Datasheet
720Kb / 25P
   SMBus Interfaced Battery Charger with Internal FETs
logo
Renesas Technology Corp
ISL95871C RENESAS-ISL95871C Datasheet
1Mb / 26P
   SMBus Interfaced Battery Charger with Internal FETs
logo
Intersil Corporation
ISL9519CHRZ INTERSIL-ISL9519CHRZ Datasheet
103Kb / 3P
   Narrow VDC Regulator/Charger with SMBus Interface and Internal Switching FETs
ISL88731A INTERSIL-ISL88731A Datasheet
490Kb / 23P
   SMBus Level 2 Battery Charger
logo
Maxim Integrated Produc...
MAX8713 MAXIM-MAX8713 Datasheet
1Mb / 25P
   Simplified Multichemistry SMBus Battery Charger
Rev 0; 11/04
logo
Intersil Corporation
ISL88731AHRZ INTERSIL-ISL88731AHRZ Datasheet
772Kb / 23P
   SMBus Level 2 Battery Charger
June 8, 2011
ISL88731CHRTZ INTERSIL-ISL88731CHRTZ Datasheet
897Kb / 25P
   SMBus Level 2 Battery Charger
June 8, 2011
logo
ON Semiconductor
NCP3800V ONSEMI-NCP3800V Datasheet
221Kb / 15P
   SMBus Level 2 Battery Charger
April, 2013 ??Rev. 0
logo
Intersil Corporation
ISL88731HRZ INTERSIL-ISL88731HRZ Datasheet
806Kb / 22P
   SMBus Level 2 Battery Charger
June 8, 2011
logo
Renesas Technology Corp
ISL88731A RENESAS-ISL88731A Datasheet
1Mb / 24P
   SMBus Level 2 Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com