Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL21090BFB825Z-TK Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL21090BFB825Z-TK
Description  Ultra Low Noise, Precision Voltage Reference Output Current Capability 20mA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21090BFB825Z-TK Datasheet(HTML) 3 Page - Intersil Corporation

  ISL21090BFB825Z-TK Datasheet HTML 1Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ISL21090
3
FN6993.0
June 8, 2011
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
VOUT OPTION
(V)
GRADE
(%)
TEMPCO
(ppm/°C)
TEMP RANGE
(°C)
PACKAGE
TAPE & REEL
(Pb-Free)
PKG. DWG. #
ISL21090BFB825Z-TK
21090 BFZ25
2.5
0.02
7
-40 to +125
8 Ld SOIC
M8.15E
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL21090. For more information on MSL please see Tech Brief TB363.


Similar Part No. - ISL21090BFB825Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21090BFB825Z-TK INTERSIL-ISL21090BFB825Z-TK Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB825Z-TK INTERSIL-ISL21090BFB825Z-TK Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB825Z-TK INTERSIL-ISL21090BFB825Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB825Z-TK INTERSIL-ISL21090BFB825Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB825Z-TK INTERSIL-ISL21090BFB825Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
More results

Similar Description - ISL21090BFB825Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Intersil Corporation
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
logo
Linear Technology
LT6658 LINER-LT6658 Datasheet
261Kb / 4P
   Precision Dual Output, High Current, Low Noise, Voltage Reference
logo
Linear Integrated Syste...
LT6658BHMSE-2.5 LINEAR-LT6658BHMSE-2.5 Datasheet
2Mb / 30P
   Precision Dual Output, High Current, Low Noise, Voltage Reference
LT6658BIMSE-2.5 LINEAR-LT6658BIMSE-2.5 Datasheet
2Mb / 30P
   Precision Dual Output,High Current, Low Noise, Voltage Reference
logo
Renesas Technology Corp
ISL71010B25 RENESAS-ISL71010B25 Datasheet
1Mb / 22P
   Ultra Low Noise, 2.5V Precision Voltage Reference
Apr 12, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com