Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL21090BFB825Z-TK Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL21090BFB825Z-TK
Description  Ultra Low Noise, Precision Voltage Reference Output Current Capability 20mA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21090BFB825Z-TK Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL21090BFB825Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ISL21090
8
FN6993.0
June 8, 2011
Device Operation
Bandgap Precision References
The ISL21090 uses a bandgap architecture and special trimming
circuitry to produce a temperature compensated, precision voltage
reference with high input voltage capability and moderate output
current drive.
Applications Information
Board Mounting Considerations
For applications requiring the highest accuracy, board mounting
location should be reviewed. The device uses a plastic SOIC
package, which subjects the die to mild stresses when the
printed circuit (PC) board is heated and cooled, which slightly
changes the shape. Because of these die stresses, placing the
device in areas subject to slight twisting can cause degradation
of reference voltage accuracy. It is normally best to place the
device near the edge of a board, or on the shortest side, because
the axis of bending is most limited in that location. Mounting the
device in a cutout also minimizes flex. Obviously, mounting the
device on flexprint or extremely thin PC material will likewise
cause loss of reference accuracy.
Board Assembly Considerations
Some PC board assembly precautions are necessary. Normal
output voltage shifts of 100µV to 500µV can be expected with
Pb-free reflow profiles or wave solder on multi-layer FR4 PC
boards. Precautions should be taken to avoid excessive heat or
extended exposure to high reflow or wave solder temperatures.
Noise Performance and Reduction
The output noise voltage in a 0.1Hz to 10Hz bandwidth is typically
1.9µVP-P (VOUT = 2.5V). The noise measurement is made with a
bandpass filter. The filter is made of a 1-pole high-pass filter, with a
corner frequency at 0.1Hz, and a 2-pole low-pass filter, with a
corner frequency (3dB) at 9.9Hz, to create a filter with a 9.9Hz
bandwidth. Noise in the 10Hz to 1kHz bandwidth is approximately
1.6µVRMS (VOUT = 2.5V), with 0.1µF capacitance on the output.
This noise measurement is made with a 2 decade bandpass filter.
The filter is made of a 1-pole high-pass filter with a corner
frequency at 10Hz of the center frequency, and 1-pole low-pass
filter with a corner frequency at 1kHz. Load capacitance up to
10µF can be added but will result in only marginal improvements
in output noise and transient response.
Turn-On Time
Normal turn-on time is typically 150µs, as shown in Figure 12.
The circuit designer must take this into account when looking at
power-up delays or sequencing.
Temperature Coefficient
The limits stated for temperature coefficient (Tempco) are governed
by the method of measurement. The overwhelming standard for
specifying the temperature drift of a reference is to measure the
reference voltage at two temperatures, take the total variation,
(VHIGH – VLOW), and divide by the temperature extremes of
measurement (THIGH –TLOW). The result is divided by the nominal
reference voltage (at T = +25°C) and multiplied by 106 to yield
ppm/°C. This is the “Box” method for specifying temperature
coefficient.
Output Voltage Adjustment
The output voltage can be adjusted above and below the
factory-calibrated value via the trim terminal. The trim terminal is
the negative feedback divider point of the output op amp. The
positive input of the amplifier is about 1.216V, and in feedback,
so will be the trim voltage. The trim terminal has a 5000Ω
resistor to ground internally, and in the case of the 2.5V output
version, there is a feedback resistor of approximately 5000Ω
from VOUT to trim.
The suggested method to adjust the output is to connect a very
high value external resistor directly to the trim terminal and
connect the other end to the wiper of a potentiometer that has a
much lower total resistance and whose outer terminals connect
to VOUT and ground. If a 1MΩ resistor is connected to trim, the
output adjust range will be ±6.3mV. It is important to minimize
the capacitance on the trim terminal to preserve output amplifier
stability. It is also best to connect the series resistor directly to
the trim terminal, to minimize that capacitance and also to
minimize noise injection. Small trim adjustments will not disturb
the factory-set temperature coefficient of the reference, but
trimming near the extreme values can.


Similar Part No. - ISL21090BFB825Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21090BFB825Z-TK INTERSIL-ISL21090BFB825Z-TK Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB825Z-TK INTERSIL-ISL21090BFB825Z-TK Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB825Z-TK INTERSIL-ISL21090BFB825Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB825Z-TK INTERSIL-ISL21090BFB825Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB825Z-TK INTERSIL-ISL21090BFB825Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
More results

Similar Description - ISL21090BFB825Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Intersil Corporation
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
logo
Linear Technology
LT6658 LINER-LT6658 Datasheet
261Kb / 4P
   Precision Dual Output, High Current, Low Noise, Voltage Reference
logo
Linear Integrated Syste...
LT6658BHMSE-2.5 LINEAR-LT6658BHMSE-2.5 Datasheet
2Mb / 30P
   Precision Dual Output, High Current, Low Noise, Voltage Reference
LT6658BIMSE-2.5 LINEAR-LT6658BIMSE-2.5 Datasheet
2Mb / 30P
   Precision Dual Output,High Current, Low Noise, Voltage Reference
logo
Renesas Technology Corp
ISL71010B25 RENESAS-ISL71010B25 Datasheet
1Mb / 22P
   Ultra Low Noise, 2.5V Precision Voltage Reference
Apr 12, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com