Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28118 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL28118
Description  40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28118 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL28118_11 Datasheet HTML 1Page - Intersil Corporation ISL28118_11 Datasheet HTML 2Page - Intersil Corporation ISL28118_11 Datasheet HTML 3Page - Intersil Corporation ISL28118_11 Datasheet HTML 4Page - Intersil Corporation ISL28118_11 Datasheet HTML 5Page - Intersil Corporation ISL28118_11 Datasheet HTML 6Page - Intersil Corporation ISL28118_11 Datasheet HTML 7Page - Intersil Corporation ISL28118_11 Datasheet HTML 8Page - Intersil Corporation ISL28118_11 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ISL28118, ISL28218
5
FN7532.2
May 16, 2011
CMRR
Common-Mode Rejection Ratio
VCM = V- - 0.5V to V+ - 1.8V
118
dB
VCM = V- to V+ -1.8V
ISL28118 SOIC
102
118
dB
98
dB
VCM = V- to V+ -1.8V
ISL28118 MSOP
102
118
dB
97
dB
VCM = V- to V+ -1.8V
ISL28218
103
118
dB
99
dB
VCMIR
Common Mode Input Voltage
Range
Guaranteed by CMRR test
V- - 0.5
V+ - 1.8
V
V-
V+ - 1.8
V
PSRR
Power Supply Rejection Ratio
VS = 3V to 40V, VCMIR = Valid Input Voltage
109
124
dB
105
dB
AVOL
Open-Loop Gain
VO = -13V to +13V, RL = 10kΩ to ground,
ISL28118 SOIC
125
136
dB
120
dB
VO = -13V to +13V, RL = 10kΩ to ground,
ISL28218
125
136
dB
122
dB
VO = -13V to +13V, RL = 10kΩ to ground,
ISL28118 MSOP
120
136
dB
116
dB
VOL
Output Voltage Low, VOUT to V- ,
See Figure 32
ISL28118
RL = 10kΩ
70
mV
85
mV
ISL28218
RL = 10kΩ
70
mV
73
mV
VOH
Output Voltage High, V+ to VOUT
See Figure 32
ISL28118
ISL28218
RL = 10kΩ
110
mV
120
mV
IS
Supply Current/Amplifier
ISL28118
RL = Open
0.85
1.2
mA
1.6
mA
ISL28218
RL = Open
0.85
1.1
mA
1.4
mA
ISC+
Output Short Circuit Source
Current
RL = 10Ω to V-
16
mA
ISC-
Output Short Circuit Sink Current
RL = 10Ω to V+
28
mA
VSUPPLY
Supply Voltage Range
Guaranteed by PSRR
3
40
V
AC SPECIFICATIONS
GBWP
Gain Bandwidth Product
ACL = 101, VOUT = 100mVP-P; RL = 2k
4
MHz
enp-p
Voltage Noise
0.1Hz to 10Hz, VS = ±18V
300
nVP-P
en
Voltage Noise Density
f = 10Hz, VS = ±18V
8.5
nV/
√Hz
en
Voltage Noise Density
f = 100Hz, VS = ±18V
5.8
nV/
√Hz
en
Voltage Noise Density
f = 1kHz, VS = ±18V
5.6
nV/
√Hz
en
Voltage Noise Density
f = 10kHz, VS = ±18V
5.6
nV/
√Hz
Electrical Specifications V
S ±15V, VCM = 0, VO = 0V, RL = Open, TA= +25°C, unless otherwise noted. Boldface limits apply over the
operating temperature range, -40°C to +125°C. Temperature data established by characterization. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT


Similar Part No. - ISL28118_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
More results

Similar Description - ISL28118_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108 INTERSIL-ISL28108 Datasheet
1Mb / 25P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28118M INTERSIL-ISL28118M Datasheet
1Mb / 22P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com