Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6328IRZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6328IRZ
Description  Dual PWM Controller For Powering AMD SVI Split-Plane Processors
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6328IRZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6328IRZ Datasheet HTML 1Page - Intersil Corporation ISL6328IRZ Datasheet HTML 2Page - Intersil Corporation ISL6328IRZ Datasheet HTML 3Page - Intersil Corporation ISL6328IRZ Datasheet HTML 4Page - Intersil Corporation ISL6328IRZ Datasheet HTML 5Page - Intersil Corporation ISL6328IRZ Datasheet HTML 6Page - Intersil Corporation ISL6328IRZ Datasheet HTML 7Page - Intersil Corporation ISL6328IRZ Datasheet HTML 8Page - Intersil Corporation ISL6328IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
ISL6328
3
FN7621.1
June 7, 2011
Controller Block Diagram
DRIVER
SVD
OFFSET
OFS
COMP
1
N
PWM1
BOOT1
UGATE1
PHASE1
LGATE1
BOOT2
UGATE2
PHASE2
LGATE2
PWM3
CLOCK AND
GENERATOR
TRIANGLE WAVE
SOFT-START
AND
FAULT LOGIC
FS
VDDPWRGD
GND
PWM4
CHANNEL
CURRENT
BALANCE
PWM2
PWM3
PWM4
ISEN1-
ISEN1+
I_AVG
MOSFET
PWM4
SIGNAL
LOGIC
I_TRIP
PWM3
SIGNAL
LOGIC
CHANNEL
DETECT
NB_REF
SVC
SVI
SLAVE
BUS
E/A
RGND
FB
APA
VSEN
PH3/PH4
POR
DRIVER
MOSFET
RESET
POWER-ON
OC
CH1
CURRENT
SENSE
ISEN2-
ISEN2+
CH2
CURRENT
SENSE
ISEN3-
ISEN3+
CH3
CURRENT
SENSE
ISEN4-
ISEN4+
CH4
CURRENT
SENSE
ISEN_NB+
PVCC
DRIVER
MOSFET
GVOT
VCC
EN
LGATE_NB
BOOT_NB
UGATE_NB
PHASE_NB
E/A
RAMP
COMP_NB
NB_REF
FB_NB
ENABLE
LOGIC
ISEN_NB-
OV
LOGIC
UV
LOGIC
EN_12V
EN_12V
ISEN4-
ISEN3-
ISEN4-
ISEN3-
PWROK
UV
LOGIC
LOAD APPLY
TRANSIENT
ENHANCEMENT
I_TC_IN
NB
FAULT
LOGIC
DROOP
CONTROL
+
+
VSEN_NB
TCOMP1
TCOMP2
TEMPERATURE
COMPENSATION
LDO
CURRENT
SENSE
OCP
DUAL
OCP
OV
LOGIC
APA
FB_PSI
CH3_OFF
PSI
DRPCTRL
RGND
RGND
1
8
I_TC_IN
8
N
ISEN2-


Similar Part No. - ISL6328IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6328IRZ RENESAS-ISL6328IRZ Datasheet
1Mb / 33P
   Dual PWM Controller For Powering AMD SVI Split-Plane Processors
More results

Similar Description - ISL6328IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6329 INTERSIL-ISL6329 Datasheet
1Mb / 38P
   Dual PWM Controller Powering AMD SVI Split-Plane Processors
logo
Renesas Technology Corp
ISL6329 RENESAS-ISL6329 Datasheet
1Mb / 38P
   Dual PWM Controller Powering AMD SVI Split-Plane Processors
ISL6328 RENESAS-ISL6328 Datasheet
1Mb / 33P
   Dual PWM Controller For Powering AMD SVI Split-Plane Processors
ISL6328A RENESAS-ISL6328A Datasheet
1Mb / 33P
   Dual PWM Controller For Powering AMD SVI Split-Plane Processors
ISL6323 RENESAS-ISL6323 Datasheet
1Mb / 36P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
logo
Intersil Corporation
ISL6324A INTERSIL-ISL6324A Datasheet
870Kb / 39P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
logo
Renesas Technology Corp
ISL6323B RENESAS-ISL6323B Datasheet
1Mb / 35P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
Mar 23, 2009
logo
Intersil Corporation
ISL6323A INTERSIL-ISL6323A Datasheet
840Kb / 35P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
ISL6323B INTERSIL-ISL6323B Datasheet
842Kb / 35P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
ISL6324A INTERSIL-ISL6324A Datasheet
1Mb / 39P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com