Electronic Components Datasheet Search |
|
IRFY140 Datasheet(PDF) 2 Page - Seme LAB |
|
IRFY140 Datasheet(HTML) 2 Page - Seme LAB |
2 / 2 page IRFY140 Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612. Prelim. 9/95 Parameter Test Conditions Min. Typ. Max. Unit VGS = 0 ID = 1mA Reference to 25°C ID = 1mA VGS = 10V ID = 12A VGS = 10V ID = 18A VDS = VGS ID = 250µA VDS ≥ 15V IDS = 12A VGS = 0 VDS = 0.8BVDSS TJ = 125°C VGS = 20V VGS = –20V VGS = 0 VDS = 25V f = 1MHz VGS = 10V ID = 18A VDS = 0.5BVDSS ID = 18A VDS = 0.5BVDSS VDD = 50V ID = 18A RG = 9.1Ω IS = 18A TJ = 25°C VGS = 0 IS = 18A TJ = 25°C di / dt ≤ 100A/µsVDD ≤ 50V ELECTRICAL CHARACTERISTICS (T C = 25°C unless otherwise stated) Drain – Source Breakdown Voltage Temperature Coefficient of Breakdown Voltage Static Drain – Source On–State Resistance Gate Threshold Voltage Forward Transconductance Zero Gate Voltage Drain Current Forward Gate – Source Leakage Reverse Gate – Source Leakage Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate – Source Charge Gate – Drain (“Miller”) Charge Turn–On Delay Time Rise Time Turn–Off Delay Time Fall Time Continuous Source Current Pulse Source Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge 100 0.1 0.092 0.11 24 9.1 25 250 100 -100 1660 550 120 30 59 2.4 12 12 30.7 21 145 64 105 18 73 1.5 400 2.4 8.7 8.7 V V/°C Ω V S( Ω µA nA pF nC nC ns A V ns µC nH BVDSS ∆BV DSS ∆T J RDS(on) VGS(th) gfs IDSS IGSS IGSS Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf IS ISM VSD trr Qrr LD LS STATIC ELECTRICAL RATINGS DYNAMIC CHARACTERISTICS SOURCE – DRAIN DIODE CHARACTERISTICS Internal Drain Inductance (from 6mm down drain lead pad to centre of die) Internal Source Inductance (from 6mm down source lead to centre of source bond pad) PACKAGE CHARACTERISTICS |
Similar Part No. - IRFY140 |
|
Similar Description - IRFY140 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |