Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISLA224P25IRZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISLA224P25IRZ
Description  Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA224P25IRZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISLA224P25IRZ Datasheet HTML 5Page - Intersil Corporation ISLA224P25IRZ Datasheet HTML 6Page - Intersil Corporation ISLA224P25IRZ Datasheet HTML 7Page - Intersil Corporation ISLA224P25IRZ Datasheet HTML 8Page - Intersil Corporation ISLA224P25IRZ Datasheet HTML 9Page - Intersil Corporation ISLA224P25IRZ Datasheet HTML 10Page - Intersil Corporation ISLA224P25IRZ Datasheet HTML 11Page - Intersil Corporation ISLA224P25IRZ Datasheet HTML 12Page - Intersil Corporation ISLA224P25IRZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
ISLA224P
9
FN7570.0
May 19, 2011
Total Power Dissipation
Normal Mode
PD
2mA LVDS
810
750
640
mW
3mA LVDS
837
880
772
844
662
711
mW
CMOS
780
705
590
mW
Nap Mode
PD
87
96
83
93
77
85
mW
Sleep Mode
PD
CSB at logic high
6
11
6
11
6
10
mW
Nap/Sleep Mode
Wakeup Time
Sample Clock Running
200
400
630
µs
AC SPECIFICATIONS
Differential Nonlinearity
DNL
fIN = 105MHz
No Missing Codes
-0.99
±0.5
2.0
-0.99
±0.4
0.99
-0.99
±0.4
0.99
LSB
Integral Nonlinearity
INL
fIN = 105MHz
±4.0
±3.0
±3.0
LSB
Minimum Conversion
Rate (Note 7)
fS MIN
40
40
40
MSPS
Maximum Conversion
Rate
fS MAX
250
200
130
MSPS
Signal-to-Noise Ratio
(Note 8)
SNR
fIN = 30MHz
72.7
73.9
74.7
dBFS
fIN = 105MHz
70.6
72.5
72.0
73.6
72.7
74.3
dBFS
fIN = 190MHz
71.8
72.8
72.9
dBFS
fIN = 363MHz
70.2
70.7
70.2
dBFS
fIN = 461MHz
69.3
69.3
68.8
dBFS
fIN = 605MHz
67.9
68.0
68.0
dBFS
Signal-to-Noise and
Distortion
(Note 8)
SINAD
fIN = 30MHz
72.1
73.5
74.2
dBFS
fIN = 105MHz
68.8
71.0
69.8
72.7
70.0
72.8
dBFS
fIN = 190MHz
70.0
71.5
71.4
dBFS
fIN = 363MHz
68.0
69.1
69.5
dBFS
fIN = 461MHz
66.0
66.3
65.7
dBFS
fIN = 605MHz
63.8
62.1
60.3
dBFS
Effective Number of Bits
(Note 8)
ENOB
fIN = 30MHz
11.68
11.92
12.03
Bits
fIN = 105MHz
11.14 11.50
11.30 11.78
11.34 11.80
Bits
fIN = 190MHz
11.34
11.58
11.57
Bits
fIN = 363MHz
11.00
11.19
11.25
Bits
fIN = 461MHz
10.67
10.72
10.62
Bits
fIN = 605MHz
10.31
10.02
9.72
Bits
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V,
OVDD = 1.8V, TA = -40°C to +85°C (typical specifications at +25°C), AIN = -1dBFS, fSAMPLE = Maximum Conversion Rate (per speed grade).
Boldface limits apply over the operating temperature range, -40°C to +85°C.
(Continued)
PARAMETER
SYMBOL
CONDITIONS
ISLA224P25
ISLA224P20
ISLA224P13
UNITS
MIN
(Note 5) TYP
MAX
(Note 5)
MIN
(Note 5) TYP
MAX
(Note 5)
MIN
(Note 5) TYP
MAX
(Note 5)


Similar Part No. - ISLA224P25IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISLA224P25IRZ RENESAS-ISLA224P25IRZ Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
More results

Similar Description - ISLA224P25IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA214P13IRZ INTERSIL-ISLA214P13IRZ Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
December 5, 2012
logo
Renesas Technology Corp
ISLA214P RENESAS-ISLA214P Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA222P INTERSIL-ISLA222P Datasheet
943Kb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA222P RENESAS-ISLA222P Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA216P_1104 INTERSIL-ISLA216P_1104 Datasheet
1Mb / 33P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P INTERSIL-ISLA216P Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA212P INTERSIL-ISLA212P Datasheet
1Mb / 35P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com