Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFY140C Datasheet(PDF) 2 Page - Seme LAB

Part # IRFY140C
Description  N-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IRFY140C Datasheet(HTML) 2 Page - Seme LAB

  IRFY140C Datasheet HTML 1Page - Seme LAB IRFY140C Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IRFY140C
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 6/97
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS = 0
ID = 1mA
Reference to 25°C
ID = 1mA
VGS = 10V
ID = 12A
VDS = VGS
ID = 250µA
VDS ≥ 15V
IDS = 12A
VGS = 0
VDS = 0.8BVDSS
TJ = 125°C
VGS = 20V
VGS = –20V
VGS = 0
VDS = 25V
f = 1MHz
VGS = 10V
ID = 15A
VDS = 0.5BVDSS
ID = 15A
VDS = 0.5BVDSS
VDD = 50V
ID = 15A
RG = 9.1Ω
IS = 15A
TJ = 25°C
VGS = 0
IS = 15A
TJ = 25°C
di / dt ≤ 100A/µsVDD ≤ 50V
ELECTRICAL CHARACTERISTICS (T
C = 25°C unless otherwise stated)
Drain – Source Breakdown Voltage
Temperature Coefficient of
Breakdown Voltage
Static Drain – Source On–State
Resistance
Gate Threshold Voltage
Forward Transconductance
Zero Gate Voltage Drain Current
Forward Gate – Source Leakage
Reverse Gate – Source Leakage
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge
Gate – Source Charge
Gate – Drain (“Miller”) Charge
Turn–On Delay Time
Rise Time
Turn–Off Delay Time
Fall Time
Continuous Source Current
Pulse Source Current
Diode Forward Voltage
Reverse Recovery Time
Reverse Recovery Charge
100
0.1
0.092
24
9.1
25
250
100
-100
1660
550
120
30
59
2.4
12
12
30.7
21
145
64
105
15
60
1.5
400
2.4
8.7
8.7
V
V/°C
V
S(
µA
nA
pF
nC
nC
ns
A
V
ns
µC
nH
BVDSS
∆BV
DSS
∆T
J
RDS(on)
VGS(th)
gfs
IDSS
IGSS
IGSS
Ciss
Coss
Crss
Qg
Qgs
Qgd
td(on)
tr
td(off)
tf
IS
ISM
VSD
trr
Qrr
LD
LS
STATIC ELECTRICAL RATINGS
DYNAMIC CHARACTERISTICS
SOURCE – DRAIN DIODE CHARACTERISTICS
Internal Drain Inductance
(from 6mm down drain lead pad to centre of die)
Internal Source Inductance (from 6mm down source lead to centre of source bond pad)
PACKAGE CHARACTERISTICS


Similar Part No. - IRFY140C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFY140C IRF-IRFY140C Datasheet
164Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)
IRFY140C IRF-IRFY140C Datasheet
164Kb / 7P
   Simple Drive Requirements
IRFY140CM IRF-IRFY140CM Datasheet
291Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.077ohm, Id=16*A)
IRFY140C IRF-IRFY140C_15 Datasheet
164Kb / 7P
   Simple Drive Requirements
More results

Similar Description - IRFY140C

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFY044 SEME-LAB-IRFY044 Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
IRFY044C SEME-LAB-IRFY044C Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
IRFY130 SEME-LAB-IRFY130 Datasheet
18Kb / 2P
   N-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
IRFN130SMD SEME-LAB-IRFN130SMD Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
IRFY120 SEME-LAB-IRFY120 Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
IRF240 SEME-LAB-IRF240 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
IRF130SMD SEME-LAB-IRF130SMD Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
IRF9530SMD SEME-LAB-IRF9530SMD Datasheet
22Kb / 2P
   P-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
IRF9530-220M SEME-LAB-IRF9530-220M Datasheet
18Kb / 2P
   P-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
IRF9130SMD SEME-LAB-IRF9130SMD Datasheet
20Kb / 2P
   P-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com