Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL61853DCRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL61853DCRZ
Description  Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL61853DCRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL61853DCRZ Datasheet HTML 3Page - Intersil Corporation ISL61853DCRZ Datasheet HTML 4Page - Intersil Corporation ISL61853DCRZ Datasheet HTML 5Page - Intersil Corporation ISL61853DCRZ Datasheet HTML 6Page - Intersil Corporation ISL61853DCRZ Datasheet HTML 7Page - Intersil Corporation ISL61853DCRZ Datasheet HTML 8Page - Intersil Corporation ISL61853DCRZ Datasheet HTML 9Page - Intersil Corporation ISL61853DCRZ Datasheet HTML 10Page - Intersil Corporation ISL61853DCRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ISL6185
7
FN6937.1
June 27, 2011
IOUT_CONT_2
Maximum Continuous Current, VIN =
2.5V
ISL6185xA,B,E,F
-
0.6
-
A
IOUT_CONT_2
ISL61851C,D,G,H,I,J,K,L (SOIC)
-
0.9
-
A
IOUT_CONT_2
ISL61852, ISL61853 C,D,G,H (DFN)
-
1
-
A
IOUT_CONT_2
ISL61853I,J,K,L (10 Ld DFN)
-
1
-
A
IOUT_CONT_2
ISL61853M,N,O,P (10 Ld DFN)
-
1
-
A
ITRIP_5
Trip Current, VIN = 5V
ISL6185xA,B,E,F
0.70
1.02
1.52
A
ITRIP_5
ISL6185xC,D,G,H
1.15
1.45
1.95
A
ITRIP_5
ISL6185xI,J,K,L
1.55
1.82
2.25
A
ITRIP_5
ISL61853M.N,O,P
1.85
1.99
2.45
A
ITRIP_3
Trip Current, VIN = 3.3V
ISL6185xA,B,E,F
0.65
0.86
1.20
A
ITRIP_3
ISL6185xC,D,G,H
0.95
1.25
1.60
A
ITRIP_3
ISL6185xI,J,K,L
1.35
1.60
1.85
A
ITRIP_3
ISL61853M.N,O,P
1.55
1.89
2.25
A
ITRIP_2
Trip Current, VIN = 2.5V
ISL6185xA,B,E,F
-
0.65
-
A
ITRIP_2
ISL6185xC,D,G,H
-
1-
A
ITRIP_2
ISL6185xI,J,K,L
-
1.2
-
A
ITRIP_2
ISL61853M.N,O,P
-
1.6
-
A
ILIM_5
Current Limit, VIN = 5V
ISL6185xA,B,E,F, VIN - VOUT = 1V
0.50
0.65
0.78
A
ILIM_5
ISL6185xC,D,G,H, VIN - VOUT = 1V
0.98
1.14
1.28
A
ILIM_5
ISL6185xI,J,K,L, VIN - VOUT = 1V
1.30
1.55
1.72
A
ILIM_5
ISL61853M,N,O,P, VIN - VOUT = 1V
1.52
1.83
2.20
A
ILIM_3
Current Limit, VIN = 3.3V
ISL6185xA,B,E,F, VIN - VOUT = 1V
0.45
0.63
0.75
A
ILIM_3
ISL6185xC,D,G,H, VIN - VOUT = 1V
0.90
1.10
1.26
A
ILIM_3
ISL6185xI,J,K,L, VIN - VOUT = 1V
1.25
1.50
1.68
A
ILIM_3
ISL61853M,N,O,P, VIN - VOUT = 1V
1.48
1.78
2.05
A
ILIM_2
Current Limit, VIN = 2.5V
ISL6185xA,B,E,F, VIN - VOUT = 1V
0.47
0.61
0.74
A
ILIM_2
ISL6185xC,D,G,H, VIN - VOUT = 1V
0.90
1.05
1.17
A
ILIM_2
ISL6185xI,J,K,L, VIN - VOUT = 1V
1.15
1.37
1.58
A
ILIM_2
ISL61853M,N,O,P, VIN - VOUT = 1V
1.3
1.63
1.90
A
Isc_5
Short Circuit Current, VIN = 5V
ISL6185xA,B,E,F, VOUT = 0V
0.60
0.80
1.00
A
Isc_5
ISL6185xC,D,G,H, VOUT = 0V
1.00
1.27
1.55
A
Isc_5
ISL6185xI,J,K,L, VOUT = 0V
1.15
1.61
1.85
A
Isc_5
ISL61853M,N,O,P, VOUT = 0V
1.20
1.70
2.5
A
Isc_3
Short Circuit Current, VIN = 3.3V
ISL6185XA,B,E,F, VOUT = 0V
0.35
0.48
0.60
A
Isc_3
ISL6185XC,D,G,H, VOUT = 0V
0.65
0.80
0.95
A
Isc_3
ISL6185xI,J,K,L, VOUT = 0V
0.70
1.06
1.25
A
Isc_3
ISL61853M,N,O,P, VOUT = 0V
0.90
1.24
1.50
A
Electrical Specifications VIN = 5V, TA = TJ, Unless Otherwise Specified. Boldface limits apply over the operating temperature
range, 0°C to +75°C or -40°C to +85°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS


Similar Part No. - ISL61853DCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL61853DCRZ INTERSIL-ISL61853DCRZ Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
More results

Similar Description - ISL61853DCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
logo
Renesas Technology Corp
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
   USB Port Power Supply Controller
logo
Intersil Corporation
ISL6186 INTERSIL-ISL6186 Datasheet
722Kb / 18P
   USB Port Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com