Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFY340 Datasheet(PDF) 1 Page - Seme LAB

Part # IRFY340
Description  N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IRFY340 Datasheet(HTML) 1 Page - Seme LAB

  IRFY340 Datasheet HTML 1Page - Seme LAB IRFY340 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IRFY340
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 5/98
VGS
Gate – Source Voltage
ID
Continuous Drain Current
(VGS = 0 , Tcase = 25°C)
ID
Continuous Drain Current
(VGS = 0 , Tcase = 100°C)
IDM
Pulsed Drain Current 1
PD
Power Dissipation @ Tcase = 25°C
Linear Derating Factor
TJ , Tstg
Operating and Storage Temperature Range
TL
Package Mounting Surface Temperature (for 5 sec)
RθJC
Thermal Resistance Junction to Case
±20V
6.9A
4.4A
27A
60W
0.48W/°C
–55 to 150°C
300°C
2.1°C/W max.
MECHANICAL DATA
Dimensions in mm (inches)
2.54
BSC
10.41
10.67
3.56
3.81
Dia.
0.70
0.90
2.65
2.75
0.89
1.14
4.70
5.00
1 2 3
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
TO–220M – Metal Package
Notes
1) Pulse Test: Pulse Width
≤ 300ms, δ≤ 2%
N–CHANNEL
POWER MOSFET
FOR HI–REL
APPLICATIONS
FEATURES
• HERMETICALLY SEALED TO–220 METAL
PACKAGE
• SIMPLE DRIVE REQUIREMENTS
• LIGHTWEIGHT
• SCREENING OPTIONS AVAILABLE
• ALL LEADS ISOLATED FROM CASE
Pad 1 – Gate
Pad 2 – Drain
Pad 3 – Source
VDSS
400V
ID(cont)
6.9A
RDS(on)
0.55


Similar Part No. - IRFY340

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFY340 SEME-LAB-IRFY340 Datasheet
97Kb / 2P
   N?밅HANNEL POWER MOSFET FOR HI-REL APPLICATIONS
logo
International Rectifier
IRFY340 IRF-IRFY340 Datasheet
148Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)
IRFY340C IRF-IRFY340C Datasheet
148Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)
IRFY340C IRF-IRFY340C Datasheet
148Kb / 7P
   Simple Drive Requirements
IRFY340CM IRF-IRFY340CM Datasheet
275Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=0.55ohm, Id=8.7A)
More results

Similar Description - IRFY340

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFY1310M-T257 SEME-LAB-IRFY1310M-T257 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
IRFY140 SEME-LAB-IRFY140 Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
IRFJ240 SEME-LAB-IRFJ240 Datasheet
18Kb / 2P
   N - CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
IRFNJ540 SEME-LAB-IRFNJ540 Datasheet
42Kb / 2P
   N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
IRFY430M-T257 SEME-LAB-IRFY430M-T257 Datasheet
20Kb / 2P
   N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
IRFY430M SEME-LAB-IRFY430M Datasheet
18Kb / 2P
   N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
IRFY440 SEME-LAB-IRFY440 Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
IRFY240 SEME-LAB-IRFY240 Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
IRFY230 SEME-LAB-IRFY230 Datasheet
53Kb / 2P
   N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
IRFY340 SEME-LAB-IRFY340_08 Datasheet
97Kb / 2P
   N?밅HANNEL POWER MOSFET FOR HI-REL APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com