Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS100R12KT3 Datasheet(PDF) 6 Page - eupec GmbH

Part # FS100R12KT3
Description  EconoPACK3 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FS100R12KT3 Datasheet(HTML) 6 Page - eupec GmbH

  FS100R12KT3_04 Datasheet HTML 1Page - eupec GmbH FS100R12KT3_04 Datasheet HTML 2Page - eupec GmbH FS100R12KT3_04 Datasheet HTML 3Page - eupec GmbH FS100R12KT3_04 Datasheet HTML 4Page - eupec GmbH FS100R12KT3_04 Datasheet HTML 5Page - eupec GmbH FS100R12KT3_04 Datasheet HTML 6Page - eupec GmbH FS100R12KT3_04 Datasheet HTML 7Page - eupec GmbH FS100R12KT3_04 Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Technische Information / technical information
FS100R12KT3
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
1
0
@
1
U
1W
1
0
@
1
U
1W
1
0
@
1
U
1W
1
0
@
1
U
1W
>
1 $
U
W
>
1 $
U
W
>
1 $
U
W
>
1 $
U
W
"RPh ( U4fW
"RPh ( U4fW
"RPh ( U4fW
"RPh ( U4fW
A65 ( S3I N3 ,-. (
,
A65 ( S3I N3 ,-. (
,
A65 ( S3I N3 ,-. (
,
A65 ( S3I N3 ,-. (
,
4f p8r
0
25
50
75 100 125 150 175 200
14
12
10
8
6
4
2
0
"RPh3 %&' (
)*+
1
0
@
1
U
1W
1
0
@
1
U
1W
1
0
@
1
U
1W
1
0
@
1
U
1W
>
1 $
U
W
>
1 $
U
W
>
1 $
U
W
>
1 $
U
W
"RPh ( U AW
"RPh ( U AW
"RPh ( U AW
"RPh ( U AW
4f (
83 ,-. (
,
4f (
83 ,-. (
,
4f (
83 ,-. (
,
4f (
83 ,-. (
,
A pNr
0
4
8
12 16 20 24 28 32 36
12
10
8
6
4
2
0
"RPh3 %&' (
)*+
%
@E # >
0
@
1
%
@E # >
0
@
1
%
@E # >
0
@
1
%
@E # >
0
@
1
1 #
#
1 #
#
1 #
#
1 #
#
|?Ja- ( U W
|?Ja- ( U W
|?Ja- ( U W
|?Ja- ( U W
p r
0,001
0,01
0,1
1
10
0,01
0,1
1
|?Ja- 0
Mp!C@r
Mp r
3
I 2
3
I
3
H
3
S
S
3
3
3
3
II


Similar Part No. - FS100R12KT3_04

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS100R12KT3 EUPEC-FS100R12KT3 Datasheet
308Kb / 8P
   IGBT-Module
More results

Similar Description - FS100R12KT3_04

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS150R12KT3 EUPEC-FS150R12KT3_04 Datasheet
359Kb / 8P
   EconoPACK3 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS75R12KT3G EUPEC-FS75R12KT3G Datasheet
348Kb / 8P
   EconoPACK3 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS50R12KT3 EUPEC-FS50R12KT3_04 Datasheet
314Kb / 8P
   EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS35R12KT3 EUPEC-FS35R12KT3_04 Datasheet
313Kb / 8P
   EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS75R12KT3 EUPEC-FS75R12KT3 Datasheet
314Kb / 8P
   EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS25R12KT3 EUPEC-FS25R12KT3 Datasheet
313Kb / 8P
   EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS450R12KE3 EUPEC-FS450R12KE3 Datasheet
344Kb / 8P
   EconoPACK with trench/fieldstop IGBT3 and EmCon High Efficiency diode
FP75R12KT3 EUPEC-FP75R12KT3_05 Datasheet
359Kb / 11P
   EconoPIM3 module with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS225R12KE3 EUPEC-FS225R12KE3_05 Datasheet
342Kb / 8P
   EconoPACK with trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS300R12KE3 EUPEC-FS300R12KE3_05 Datasheet
343Kb / 8P
   EconoPACK with trench/fieldstop IGBT3 and EmCon High Efficiency diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com