Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP120IG-15 Datasheet(PDF) 1 Page - Seme LAB

Part # IP120IG-15
Description  1.5 AMP NEGATIVE VOLTAGE REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP120IG-15 Datasheet(HTML) 1 Page - Seme LAB

  IP120IG-15 Datasheet HTML 1Page - Seme LAB IP120IG-15 Datasheet HTML 2Page - Seme LAB IP120IG-15 Datasheet HTML 3Page - Seme LAB IP120IG-15 Datasheet HTML 4Page - Seme LAB IP120IG-15 Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IP120A SERIES
IP120
SERIES
IP7900A SERIES
IP7900
SERIES
LM120
SERIES
Prelim. 2/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Pin 1 – Ground
Pin 2 – VOUT
Case – VIN
K Package – TO–3
Pin 1 – Ground
Pin 2 – VOUT
Case – VIN
R Package – TO–66
12
3
3
12
Pin 1 – Ground
Pin 2 – VIN
Pin 3 – VOUT
SMD Package – SMD1
Ceramic Surface Mount
!
1.5 AMP
NEGATIVE
VOLTAGE REGULATOR
FEATURES
• OUTPUT VOLTAGES OF -5, -12, -15V
• 0.01% / V LINE REGULATION
• 0.3% / A LOAD REGULATION
• THERMAL OVERLOAD PROTECTION
• SHORT CIRCUIT PROTECTION
• OUTPUT TRANSISTOR SOA PROTECTION
• 1% VOLTAGE TOLERANCE OPTION
(–A VERSIONS)
VI
DC Input Voltage
(for VO = -5, -12, -15V)
PD
Power Dissipation
Tj
Operating Junction Temperature Range
Tstg
Storage Temperature
35V
Internally limited
–55 to 150°C
–65 to 150°C
DESCRIPTION
The IP120A / LM120 / IP7900A / IP7900 series of 3 terminal
regulators is available with several fixed output voltage
making them useful in a wide range of applications.
The A suffix devices provide 0.01% / V line regulation,
0.3% / A load regulation and ±1% output voltage tolerance at
room temperature.
Protection features include Safe Operating Area current
limiting and thermal shutdown.
Pin 1 – Ground
Pin 2 – VIN
Pin 3 – VOUT
Case – VIN
G Package – TO–257
IG Package– TO–257*
* isolated Case on IG package
1 23
J Package – 8 Pin Cerdip
45
1
2
3
8
7
6
GND
NC
NC
NC
NC
NC
V
OUT
V
IN
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)


Similar Part No. - IP120IG-15

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP120 SEME-LAB-IP120 Datasheet
87Kb / 6P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP120-05 SEME-LAB-IP120-05 Datasheet
87Kb / 6P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP120-12 SEME-LAB-IP120-12 Datasheet
87Kb / 6P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP120-15 SEME-LAB-IP120-15 Datasheet
87Kb / 6P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
logo
International Rectifier
IP1201 IRF-IP1201 Datasheet
553Kb / 29P
   Dual Output Full Function 2 Phase Synchronous Buck Power BlockIntegrated Power Semiconductors, PWM Control & Passives
More results

Similar Description - IP120IG-15

ManufacturerPart #DatasheetDescription
logo
Seme LAB
LM7905XE SEME-LAB-LM7905XE Datasheet
28Kb / 3P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
LM120A-05 SEME-LAB-LM120A-05 Datasheet
56Kb / 3P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP120 SEME-LAB-IP120 Datasheet
87Kb / 6P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
OM7612ST ETC-OM7612ST Datasheet
35Kb / 4P
   1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
logo
Sensitron
SHD526040 SENSITRON-SHD526040 Datasheet
46Kb / 2P
   NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A Datasheet
110Kb / 6P
   1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
logo
Sensitron
SHD526060 SENSITRON-SHD526060 Datasheet
44Kb / 2P
   NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A_1 Datasheet
323Kb / 6P
   1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com