Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZ1200R17KE3_B2 Datasheet(PDF) 5 Page - eupec GmbH

Part # FZ1200R17KE3_B2
Description  IGBT-modules
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FZ1200R17KE3_B2 Datasheet(HTML) 5 Page - eupec GmbH

  FZ1200R17KE3_B2 Datasheet HTML 1Page - eupec GmbH FZ1200R17KE3_B2 Datasheet HTML 2Page - eupec GmbH FZ1200R17KE3_B2 Datasheet HTML 3Page - eupec GmbH FZ1200R17KE3_B2 Datasheet HTML 4Page - eupec GmbH FZ1200R17KE3_B2 Datasheet HTML 5Page - eupec GmbH FZ1200R17KE3_B2 Datasheet HTML 6Page - eupec GmbH FZ1200R17KE3_B2 Datasheet HTML 7Page - eupec GmbH FZ1200R17KE3_B2 Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Technische Information / technical information
FZ1200R17KE3_B2
IGBT-Module
IGBT-modules
! ""
#
Vorläufige Daten
preliminary data
'
7Aa)
# V
W
'
7Aa)
# V
W
'
7Aa)
# V
W
'
7Aa)
# V
W
B
(
7Aa) 7
V
W
B
(
7Aa) 7
V
W
B
(
7Aa) 7
V
W
B
(
7Aa) 7
V
W
%98 , VODW6 %9ZZ , VODW
%98 , VODW6 %9ZZ , VODW
%98 , VODW6 %9ZZ , VODW
%98 , VODW6 %9ZZ , VODW
/D1 , X"- /6 70 , "
<6 /01 , ;
/
/D1 , X"- /6 70 , "
<6 /01 , ;
/
/D1 , X"- /6 70 , "
<6 /01 , ;
/
/D1 , X"- /6 70 , "
<6 /01 , ;
/
OD sQt
0 1 2 3 4 5 6 7 8 9 10 11 12
2000
1800
1600
1400
1200
1000
800
600
400
200
0
%986 )*+ , " -.
%9ZZ6 )*+ , " -.
)
H & B
7Aa)
#
)
H & B
7Aa)
#
)
H & B
7Aa)
#
)
H & B
7Aa)
#
&
&
7Aa)
&
&
7Aa)
&
&
7Aa)
&
&
7Aa)
uCKb0 , V W
uCKb0 , V W
uCKb0 , V W
uCKb0 , V W
s t
0,001
0,01
0,1
1
10
0,1
1
10
100
uCKb0 7Aa)
Ps$F
t
Ps t
"
65
6 "
65
6
!
-6L
6 ;
65
6
'
O
BH
<
7Aa)
# VOa'v<W
'
O
BH
<
7Aa)
# VOa'v<W
'
O
BH
<
7Aa)
# VOa'v<W
'
O
BH
<
7Aa)
# VOa'v<W
(
7Aa)
# VOa'v<W
(
7Aa)
# VOa'v<W
(
7Aa)
# VOa'v<W
(
7Aa)
# VOa'v<W
70 , V/01W
70 , V/01W
70 , V/01W
70 , V/01W
/D1 , X"- /6 OD9ZZ , "6- Q6 )*+ , " -.
/D1 , X"- /6 OD9ZZ , "6- Q6 )*+ , " -.
/D1 , X"- /6 OD9ZZ , "6- Q6 )*+ , " -.
/D1 , X"- /6 OD9ZZ , "6- Q6 )*+ , " -.
/01 s/t
0 200 400 600 800 1000 1200 1400 1600 1800
2600
2400
2200
2000
1800
1600
1400
1200
1000
800
600
400
200
0
706
706
4
\
4
# V
W
4
\
4
# V
W
4
\
4
# V
W
4
\
4
# V
W
B
V
W
B
V
W
B
V
W
B
V
W
7g , V/gW
7g , V/gW
7g , V/gW
7g , V/gW
/g s/t
0,0
0,5
1,0
1,5
2,0
2,5
3,0
2400
2200
2000
1800
1600
1400
1200
1000
800
600
400
200
0
)*+ , -.
)*+ , " -.


Similar Part No. - FZ1200R17KE3_B2

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ1200R17KE3 EUPEC-FZ1200R17KE3 Datasheet
284Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
More results

Similar Description - FZ1200R17KE3_B2

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM15GP120 EUPEC-BSM15GP120 Datasheet
199Kb / 11P
   IGBT-Modules
logo
IXYS Corporation
L426 IXYS-L426 Datasheet
128Kb / 4P
   IGBT Modules
MWI100-12E8 IXYS-MWI100-12E8 Datasheet
71Kb / 2P
   IGBT Modules
logo
Semikron International
SKM25GAH125D SEMIKRON-SKM25GAH125D Datasheet
166Kb / 5P
   IGBT Modules
SKM200GAL173D SEMIKRON-SKM200GAL173D Datasheet
725Kb / 6P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D_08 Datasheet
725Kb / 6P
   IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
   IGBT Modules
SKM22GD123D SEMIKRON-SKM22GD123D_09 Datasheet
635Kb / 6P
   IGBT modules
SKM100GB173D SEMIKRON-SKM100GB173D Datasheet
563Kb / 4P
   IGBT Modules
SKM145GB123D SEMIKRON-SKM145GB123D Datasheet
599Kb / 4P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D Datasheet
704Kb / 4P
   IGBT Modules
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com