Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZ1800R17KE3_B2 Datasheet(PDF) 3 Page - eupec GmbH

Part # FZ1800R17KE3_B2
Description  IGBT-modules
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FZ1800R17KE3_B2 Datasheet(HTML) 3 Page - eupec GmbH

  FZ1800R17KE3_B2 Datasheet HTML 1Page - eupec GmbH FZ1800R17KE3_B2 Datasheet HTML 2Page - eupec GmbH FZ1800R17KE3_B2 Datasheet HTML 3Page - eupec GmbH FZ1800R17KE3_B2 Datasheet HTML 4Page - eupec GmbH FZ1800R17KE3_B2 Datasheet HTML 5Page - eupec GmbH FZ1800R17KE3_B2 Datasheet HTML 6Page - eupec GmbH FZ1800R17KE3_B2 Datasheet HTML 7Page - eupec GmbH FZ1800R17KE3_B2 Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Technische Information / technical information
FZ1800R17KE3_B2
IGBT-Module
IGBT-modules
! "
#
Vorläufige Daten
preliminary data
Modul / module
5
:
(
(
N '< , - Q < , ! & #
/j2kl
<
/
(
&
&
9 '
5
&
9 m
$
(
$
$
F
&
$
$
F
&
&
? <
? <
&&
$
$
F
&
$
$
F
&
&
!W<!
!W<!
&&
/ (
$
B (
(
&
(
G
)5
n
& #
#
& G#
c
(
(
H & B
&
<
F
&
d;JICR , !
FU&_$V F deTRJIR , !
FU&_$V
NCK0f
@<
$F
H
&
I01
!
Q
( B
<
9
&
<
&
)0 , -. <
'
F
B
N00op11o
<!
&P
Q
H
( '
&
& G & & `
&
)*+ 8J^
!-
.
) &
& '
&
B
(
)*+ 7q
! -
.
(
&
(
&
)ICe
! -
.
9
(
& &
# &
# a
(
(
&
(
r
'
F
B
@
< -
-<"-
m&
9
(
& &
#
# 9
&
r
'
F
B
'
F
B
4
!<4
4<
<!
!
m&
m&
A B
B (
A
!-
(
Mit dieser technischen Information werden Halbleiterbauelemente spezifiziert, jedoch keine
Eigenschaften zugesichert. Sie gilt in Verbindung mit den zugehörigen technischen Erläuterungen.
This technical information specifies semiconductor devices but guarantees no characteristics.
It is valid with the appropriate technical explanations.


Similar Part No. - FZ1800R17KE3_B2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FZ1800R17HE4_B9 INFINEON-FZ1800R17HE4_B9 Datasheet
594Kb / 9P
   IHM-B Modul
2015-09-29 revision:V2.2
FZ1800R17HP4_B29 INFINEON-FZ1800R17HP4_B29 Datasheet
495Kb / 9P
   IHM-B module with soft-switching Trench-IGBT4
2010-01-19 revision:2.2
logo
Power Integrations, Inc...
FZ1800R17HP4_B29 POWERINT-FZ1800R17HP4_B29 Datasheet
276Kb / 9P
   SCALE-2 Plug-and-Play Drivers
2019-03-20
logo
Infineon Technologies A...
FZ1800R17HP4_B9 INFINEON-FZ1800R17HP4_B9 Datasheet
495Kb / 9P
   IHM-B module with soft-switching Trench-IGBT4
2010-01-19 revision:2.1
More results

Similar Description - FZ1800R17KE3_B2

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM15GP120 EUPEC-BSM15GP120 Datasheet
199Kb / 11P
   IGBT-Modules
logo
IXYS Corporation
L426 IXYS-L426 Datasheet
128Kb / 4P
   IGBT Modules
MWI100-12E8 IXYS-MWI100-12E8 Datasheet
71Kb / 2P
   IGBT Modules
logo
Semikron International
SKM25GAH125D SEMIKRON-SKM25GAH125D Datasheet
166Kb / 5P
   IGBT Modules
SKM200GAL173D SEMIKRON-SKM200GAL173D Datasheet
725Kb / 6P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D_08 Datasheet
725Kb / 6P
   IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
   IGBT Modules
SKM22GD123D SEMIKRON-SKM22GD123D_09 Datasheet
635Kb / 6P
   IGBT modules
SKM100GB173D SEMIKRON-SKM100GB173D Datasheet
563Kb / 4P
   IGBT Modules
SKM145GB123D SEMIKRON-SKM145GB123D Datasheet
599Kb / 4P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D Datasheet
704Kb / 4P
   IGBT Modules
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com