Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T3101N Datasheet(PDF) 2 Page - eupec GmbH

Part # T3101N
Description  Phase Control Thyristor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

T3101N Datasheet(HTML) 2 Page - eupec GmbH

  T3101N Datasheet HTML 1Page - eupec GmbH T3101N Datasheet HTML 2Page - eupec GmbH T3101N Datasheet HTML 3Page - eupec GmbH T3101N Datasheet HTML 4Page - eupec GmbH T3101N Datasheet HTML 5Page - eupec GmbH T3101N Datasheet HTML 6Page - eupec GmbH T3101N Datasheet HTML 7Page - eupec GmbH T3101N Datasheet HTML 8Page - eupec GmbH T3101N Datasheet HTML 9Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
N
Netz-Thyristor
Phase Control Thyristor
Datenblatt / Data sheet
T 3101N
BIP AM / SM PB, 2001-04-10, Przybilla J. / Keller
2/9
Seite/page
Thermische Eigenschaften
Mechanische Eigenschaften
Elektrisch e Eig enschaften / Electrical properties
Charakteristische Werte / Characteristic values
Freiwerdezeit
circuit commutated turn-off ti me
Tvj = Tvjmax, iTM = ITAVM
vRM = 100 V, vDM = 0,67 VDRM
dvD/dt = 20 V/µs, -diT/dt = 10 A/µs
4.Kennbuc hstabe / 4
th letter O
tq
typ.
400
µs
Sperr verzögerungsladung
recovered charge
Tvj = Tvjmax
iTM = ITAVM, -diT/dt = 10 A/µs
VR = 0,5VRRM, VRM = 0,8VRRM
Qr
max.
15
mAs
Rückstr oms pitze
peak reverse r ecover y c urrent
Tvj = Tvjmax
iTM = ITAVM, -diT/dt = 10 A/µs
VR = 0,5VRRM, VRM = 0,8VRRM
IRM
max.
310
A
Thermische Eigenschaften / Th ermal properties
Innerer Wärmewiderstand
thermal resistance, junc tion to c ase
Kühlfläc he / cooling surfac e
beids eitig / two-sided, θ = 180°sin
beids eitig / two-sided, DC
Anode / anode, DC
Kathode / c athode, DC
RthJC
max.
max.
max.
max.
0,0054
0,005
0,009
0,0112
°C/W
°C/W
°C/W
°C/W
Übergangs-Wärmewi derstand
thermal resistance, cas e to heatsi nk
Kühlfläc he / cooling surfac e
beids eitig / two-sided
einseitig / single-sided
RthCH
max.
max.
0,0015
0,003
°C/W
°C/W
Höchstzul ässige Sperrschichttemperatur
maxi mum junction temperature
Tvjmax
125 °C
Betriebs temperatur
operating temperature
Tc op
-40...+125 °C
Lagertemperatur
storage temperature
Tstg
-40...+150 °C
Mechanische Eigen schaften / Mech anical properties
Gehäuse, siehe Anlage
case, s ee annex
Seite 3
page 3
Si-Element mit Druc kkontakt
Si-pellet with press ure contac t
Anpress kraft
clampi ng force
F
63...91
kN
Steueransc hlüss e
control terminals
DIN 46244
Gate
Kathode /Cathode
A 4,8x0,8
A 6,3x0,8
Gewic ht
weight
G
typ.
3000 g
Kriechstrec ke
creepage distance
49 mm
Schwingfestigkeit
vibration r esistanc e
f = 50 Hz
50 m/s²


Similar Part No. - T3101N

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
T310AB-LC WEITRON-T310AB-LC Datasheet
262Kb / 3P
   Low Capacitance Bi-Directional Surface Mount Thyristor Surge Protective Device
T310AB-LC WEITRON-T310AB-LC Datasheet
296Kb / 3P
   Low Capacitance Bi-Directional Surface Mount Thyristor Surge Protective Device
T310BB-LC WEITRON-T310BB-LC Datasheet
262Kb / 3P
   Low Capacitance Bi-Directional Surface Mount Thyristor Surge Protective Device
T310BB-LC WEITRON-T310BB-LC Datasheet
296Kb / 3P
   Low Capacitance Bi-Directional Surface Mount Thyristor Surge Protective Device
T310CB-LC WEITRON-T310CB-LC Datasheet
262Kb / 3P
   Low Capacitance Bi-Directional Surface Mount Thyristor Surge Protective Device
More results

Similar Description - T3101N

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com