Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9444IRZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL9444IRZ
Description  Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9444IRZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL9444IRZ Datasheet HTML 1Page - Intersil Corporation ISL9444IRZ Datasheet HTML 2Page - Intersil Corporation ISL9444IRZ Datasheet HTML 3Page - Intersil Corporation ISL9444IRZ Datasheet HTML 4Page - Intersil Corporation ISL9444IRZ Datasheet HTML 5Page - Intersil Corporation ISL9444IRZ Datasheet HTML 6Page - Intersil Corporation ISL9444IRZ Datasheet HTML 7Page - Intersil Corporation ISL9444IRZ Datasheet HTML 8Page - Intersil Corporation ISL9444IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Block Diagram
PGOOD2
PGOOD1
PGOOD3
EN/SS1
EN2
VCC_5V
EN3
PWM1
OC1
VCC_5V
VCC_5V
VCC_5V
OCP
OC2
CHANNEL 2
FB2
PWM2
OC3
OC2
OC1
PGND
ERROR AMP 1
FB1
180kΩ
+ 0.7V
15pF
1000kΩ
REF
16kΩ
_
+
ISEN2
OCSET2
2 CLOCK CYCLES
SAME STATE FOR
REQUIRED TO LATCH
OVERCURRENT FAULT
CHANNEL 3
PWM3
OC3
FB3
ISEN3
OCSET3
FB3
FB2
FB1
OV
PHASE1
UGATE1
BOOT1
LGATE1
ADAPTIVE DEAD-TIME
V/I SAMPLE TIMING
VIN
VCC_5V
ADAPTIVE DEAD-TIME
PHASE2
UGATE2
BOOT2
LGATE2
PGND
V/I SAMPLE TIMING
VCC_5V
VCC_5V
VCC_5V
ISEN1
SAMPLE
CURRENT
SAMPLE
CURRENT
+
1.75V REFERENCE
OCSET1
_
+
_
+
-
+
ADAPTIVE DEAD-TIME
PHASE3
UGATE3
BOOT3
LGATE3
PGND
V/I SAMPLE TIMING
CHANNEL 1
POR
FAULT LATCH
REFERENCE
ENABLE
BIAS SUPPLIES
EN/SS1
1.55µA
EN/SS1
MINIMUM
SOFT-START
TK/SS3
TK/SS2
EXTBIAS
SGND
0.7VREF
_
+
ERROR AMP 3
+
1.3V
EN3
EN3
VIN
SW THRES.
+
_
PFI
+
_
PFO
PF REF
DUTY CYCLE RAMP GENERATOR
PWM CHANNEL PHASE CONTROL
PG3_DLY
2µA
PGND
(see Note 6)


Similar Part No. - ISL9444IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9444IRZ INTERSIL-ISL9444IRZ Datasheet
1Mb / 24P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controll
logo
Renesas Technology Corp
ISL9444IRZ RENESAS-ISL9444IRZ Datasheet
1Mb / 25P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
More results

Similar Description - ISL9444IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9443 INTERSIL-ISL9443 Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9443IRZ-T7A INTERSIL-ISL9443IRZ-T7A Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
February 24, 2012
logo
Renesas Technology Corp
ISL9443 RENESAS-ISL9443 Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9444 RENESAS-ISL9444 Datasheet
1Mb / 25P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL9444_1107 INTERSIL-ISL9444_1107 Datasheet
1Mb / 24P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controll
ISL9440IRZ-T INTERSIL-ISL9440IRZ-T Datasheet
985Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down
ISL9440 INTERSIL-ISL9440 Datasheet
979Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Renesas Technology Corp
ISL9440 RENESAS-ISL9440 Datasheet
1Mb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6445 RENESAS-ISL6445 Datasheet
702Kb / 15P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
ISL6440 RENESAS-ISL6440 Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com