Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD15N10 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD15N10
Description  N-Ch Enhancement Mode Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD15N10 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SSD15N10 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD15N10 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD15N10 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSD15N10 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SSD15N10
15A, 100V, RDS(ON) 100m
N-Ch Enhancement Mode Power MOSFET
Elektronische Bauelemente
25-Apr-2011 Rev. A
Page 4 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTICS CURVE


Similar Part No. - SSD15N10

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSD15N10 VBSEMI-SSD15N10 Datasheet
1,008Kb / 7P
   N-Channel 100 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SSD15N10 DOINGTER-SSD15N10 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
SeCoS Halbleitertechnol...
SSD15N10-C SECOS-SSD15N10-C Datasheet
219Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD15N10 SECOS-SSD15N10_15 Datasheet
584Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSD15N10

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD30N15 SECOS-SSD30N15_15 Datasheet
445Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD40N04 SECOS-SSD40N04_15 Datasheet
386Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD50N10 SECOS-SSD50N10_15 Datasheet
574Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD60N04 SECOS-SSD60N04_15 Datasheet
151Kb / 2P
   N-Ch Enhancement Mode Power MOSFET
SSPS922NE SECOS-SSPS922NE_15 Datasheet
538Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com