Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB16-100M Datasheet(PDF) 1 Page - Seme LAB

Part # SB16-100M
Description  DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SB16-100M Datasheet(HTML) 1 Page - Seme LAB

  SB16-100M Datasheet HTML 1Page - Seme LAB SB16-100M Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB16-100MA
SB16-100AM
SB16-100RM
LAB
SEME
Prelim.4/98
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VRRM
Peak Repetitive Reverse Voltage
VRSM
Peak Non-Repetitive Reverse Voltage
VR
Continuous Reverse Voltage
IO
Output Current
IFSM
Peak Non-Repetitive Surge Current (50Hz)
TSTG
Storage Temperature Range
TJ
Maximum Operating Junction Temperature
100V
100V
100V
16A
245A
-55°C to 150°C
150°C/W
DUAL SCHOTTKY
BARRIER DIODE IN
TO220 METAL PACKAGE
FOR HI–REL APPLICATIONS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
SB16-100MA
SB16-100AM
SB16-100RM
FEATURES
• HERMETIC TO220 METAL PACKAGE
• ISOLATED CASE
• SCREENING OPTIONS AVAILABLE
• OUTPUT CURRENT 16A
• LOW VF
• LOW LEAKAGE
MECHANICAL DATA
Dimensions in mm
2. 54
BSC
10. 6
3. 6
Dia.
0. 8
4. 6
1. 0
2. 70
BS C
12 3
TO220 METAL PACKAGE
SB16-100M
SB16-100AM
SB16-100RM
1
3
2
1
3
2
1
3
2
1 = A1 Anode 1
2 = K Cathode
3 = A2 Anode 2
1 = K1 Cathode 1
2 = A Anode
3 = K2 Cathode 2
1 = K1 Cathode 1
2 = Centre Tap
3 = A2 Anode
Common Cathode
Common Anode
Series Connection
ELECTRICAL CONNECTIONS


Similar Part No. - SB16-100M

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SB16-100M-SMD SEME-LAB-SB16-100M-SMD Datasheet
19Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
SB16-100M-SMD SEME-LAB-SB16-100M-SMD Datasheet
19Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI-REL APPLICATIONS
More results

Similar Description - SB16-100M

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SB30-100MA SEME-LAB-SB30-100MA Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SB30-45M SEME-LAB-SB30-45M Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SB16-45M SEME-LAB-SB16-45M Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SB30-45M SEME-LAB-SB30-45M_03 Datasheet
22Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI?밨EL APPLICATIONS
SB35-40M SEME-LAB-SB35-40M Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO254 METAL PACKAGE FOR HI-REL APPLICATIONS
SB30-45-258M SEME-LAB-SB30-45-258M Datasheet
17Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO258 METAL PACKAGE FOR HI-REL APPLICATIONS
BYV143-40M SEME-LAB-BYV143-40M Datasheet
17Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI.REL APPLICATIONS
SB30-100MSMD SEME-LAB-SB30-100MSMD Datasheet
25Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN FOR HI-REL APPLICATIONS
SB16-100SMD SEME-LAB-SB16-100SMD Datasheet
19Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI-REL APPLICATIONS
SBR1645-T254 SEME-LAB-SBR1645-T254 Datasheet
13Kb / 1P
   DUAL SCHOTTKY BARRIER RECTIFIER IN A TO254 HERMETICALLY SEALED PACKAGE FOR HI-REL APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com