Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78228 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL78228
Description  Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78228 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL78228 Datasheet HTML 6Page - Intersil Corporation ISL78228 Datasheet HTML 7Page - Intersil Corporation ISL78228 Datasheet HTML 8Page - Intersil Corporation ISL78228 Datasheet HTML 9Page - Intersil Corporation ISL78228 Datasheet HTML 10Page - Intersil Corporation ISL78228 Datasheet HTML 11Page - Intersil Corporation ISL78228 Datasheet HTML 12Page - Intersil Corporation ISL78228 Datasheet HTML 13Page - Intersil Corporation ISL78228 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ISL78228
10
FN7849.0
May 2, 2011
FIGURE 26. SOFT-START AT NO LOAD CHANNEL 1 (PFM)
FIGURE 27. SOFT-START AT NO LOAD CHANNEL 2 (PFM)
FIGURE 28. SOFT-START AT FULL LOAD CHANNEL 1
FIGURE 29. SOFT-START AT FULL LOAD CHANNEL 2
FIGURE 30. SOFT-DISCHARGE SHUTDOWN CHANNEL 1
FIGURE 31. SOFT-DISCHARGE SHUTDOWN CHANNEL 2
Typical Operating Performance
Unless otherwise noted, operating conditions are: TA = +25°C,
VIN = 2.75V to 5.5V, EN = VIN, L1 = L2 = 2.2µH, C1 = 10µF, C2 = C4 = 10µF, VOUT1 = 2.5V, VOUT2 = 1.8V, IOUT1 =IOUT2 =
0A to 800mA. (Continued)
IL 0.5A/DIV
EN1 2V/DIV
VOUT1 1V/DIV
IL 0.5A/DIV
PG 5V/DIV
50µs/DIV
EN2 2V/DIV
VOUT2 0.5V/DIV
IL2 0.5A/DIV
PG 5V/DIV
50µs/DIV
EN1 2V/DIV
VOUT1 1V/DIV
IL1 0.5A/DIV
PG 5V/DIV
50µs/DIV
EN2 2V/DIV
IL2 0.5A/DIV
PG 5V/DIV
50µs/DIV
VOUT2 0.5V/DIV
EN1 5V/DIV
IL1 0.5A/DIV
PG 5V/DIV
1ms/DIV
VOUT1 1V/DIV
EN2 5V/DIV
IL2 0.5A/DIV
PG 5V/DIV
1ms/DIV
VOUT2 0.5V/DIV


Similar Part No. - ISL78228

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78228 RENESAS-ISL78228 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78228 INTERSIL-ISL78228 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
December 4, 2013
ISL78228 INTERSIL-ISL78228 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
April 13, 2015
ISL78228ARZ INTERSIL-ISL78228ARZ Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
April 13, 2015
logo
Renesas Technology Corp
ISL78228ARZ RENESAS-ISL78228ARZ Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL78228

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78228 RENESAS-ISL78228 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78228ARZ INTERSIL-ISL78228ARZ Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
April 13, 2015
logo
Renesas Technology Corp
ISL8088 RENESAS-ISL8088 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78228ARZ-T INTERSIL-ISL78228ARZ-T Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
December 4, 2013
ISL8088 INTERSIL-ISL8088_10 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
ISL8088 INTERSIL-ISL8088 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8022 RENESAS-ISL8022 Datasheet
1Mb / 18P
   Dual 2A/1.7A Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78322ARZ INTERSIL-ISL78322ARZ Datasheet
1Mb / 18P
   Dual 2A/1.7A Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
August 26, 2014
logo
Renesas Technology Corp
ISL8033 RENESAS-ISL8033 Datasheet
2Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8033IRZ-T INTERSIL-ISL8033IRZ-T Datasheet
1Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com