Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSG4953P Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4953P
Description  Dual P-Ch Enhancement Mode Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4953P Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG4953P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4953P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4953P Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4953P Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSG4953P
-5.2 A, -30 V, RDS(ON) 52 m
Dual P-Ch Enhancement Mode Power MOSFET
15-Jan-2011 Rev. B
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Gate Threshold Voltage
VGS(th)
-1
-
-
V
VDS= VGS, ID= -250μA
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VDS= 0V, VGS= ±25V
-
-
-1
μA
VDS= -24V, VGS= 0V
Zero Gate Voltage Drain Current
IDSS
-
-
-5
μA
VDS= -24V, VGS= 0V, TJ=55°C
On-State Drain Current
1
ID(on)
-30
-
-
A
VDS= -5V, VGS= -10V
-
-
52
VGS= -10V, ID= -5.2A
Drain-Source On-Resistance
1
RDS(ON)
-
-
89
mΩ
VGS= -4.5V, ID= -4.0A
Forward Transconductance
1
gfs
-
19
-
S
VDS= -15V, ID= -5.2A
Diode Forward Voltage
VSD
-
-0.7
-
V
IS= -2.1A, VGS= 0V
Dynamic
2
Total Gate Charge
Qg
-
15
-
Gate-Source Charge
Qgs
-
2.2
-
Gate-Drain Charge
Qgd
-
1.7
-
nC
ID= -5.2A
VDS= -15V
VGS= -10V
Turn-On Delay Time
Td(on)
-
10
-
Rise Time
Tr
-
2.8
-
Turn-Off Delay Time
Td(off)
-
53.6
-
Fall Time
Tf
-
46
-
nS
VDD= -15V
ID= -1A
VGEN= -10V
RL= 15Ω, RG= 6Ω
Notes:
1.
Pulse test:PW ≦ 300μs duty cycle ≦ 2%.
2.
Guaranteed by design, not subject to production testing.


Similar Part No. - SSG4953P

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSG4953P VBSEMI-SSG4953P Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSG4953P SECOS-SSG4953P_15 Datasheet
601Kb / 4P
   Dual P-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSG4953P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSPRD11P02-C SECOS-SSPRD11P02-C Datasheet
574Kb / 4P
   Dual P-Ch Enhancement Mode Power MOSFET
SSG4953P SECOS-SSG4953P_15 Datasheet
601Kb / 4P
   Dual P-Ch Enhancement Mode Power MOSFET
SUM2P02-C SECOS-SUM2P02-C Datasheet
368Kb / 4P
   Dual P-Ch Enhancement Mode Power MOSFET
SSI3139J SECOS-SSI3139J Datasheet
317Kb / 3P
   Dual P-Ch Enhancement Mode Power MOSFET
SSG4841P SECOS-SSG4841P_15 Datasheet
151Kb / 2P
   P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P_15 Datasheet
464Kb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSD40P04J SECOS-SSD40P04J Datasheet
313Kb / 3P
   P-Ch Enhancement Mode Power MOSFET
SSG13P03 SECOS-SSG13P03 Datasheet
449Kb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSD20P06-135D SECOS-SSD20P06-135D Datasheet
396Kb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSD40P04-20DE SECOS-SSD40P04-20DE Datasheet
1Mb / 4P
   P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com