Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G29TS-810130A Datasheet(PDF) 7 Page - Superworld Electronics

Part # G29TS-810130A
Description  INTEGRATED MODULAR JACK
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

G29TS-810130A Datasheet(HTML) 7 Page - Superworld Electronics

Back Button G29TS-810130A Datasheet HTML 2Page - Superworld Electronics G29TS-810130A Datasheet HTML 3Page - Superworld Electronics G29TS-810130A Datasheet HTML 4Page - Superworld Electronics G29TS-810130A Datasheet HTML 5Page - Superworld Electronics G29TS-810130A Datasheet HTML 6Page - Superworld Electronics G29TS-810130A Datasheet HTML 7Page - Superworld Electronics G29TS-810130A Datasheet HTML 8Page - Superworld Electronics G29TS-810130A Datasheet HTML 9Page - Superworld Electronics G29TS-810130A Datasheet HTML 10Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NOTES : 1. Tolerance : PCB ±0.05mm
Connecetor ±0.25mm
2. Connector dimensions comply with FCC 68.5 dimension requirements
MECHANICAL : G31TS-610xxHA (2x1)
30.60
18.47
10.80
4.57
11.43
15.49
Superworld 0601
G31TS-61013HA
Marking
Suggested PCB Pad Layout
Component Side View
17.27
(19.07)
J8
J1
J1
J8
Port 2
Port 1
Port 2
Port 1
Ø0.89 x20
Ø3.2 x2
Ø1.58 x4
2.79
2.42
11.43
2.79
0.38
2.54
6.60
12.18
7.10
4.06
Ø1.02 x4
9.27
P1
P1
P9
P9
P2
P10
PANEL CUT OUT
18.90
P11 P12
P12 P11
LED lower port
LED upper port
0.3x0.5
0.5x0.5
INTEGRATED MODULAR JACK
10/100/1000 Gigabit Ethernet RJ45 2xN Port
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 7
12.05.2008


Similar Part No. - G29TS-810130A

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
G294H IDEA-G294H Datasheet
47Kb / 1P
   T-1, (3-mm) Round, Quad-level PCB Mount LED Indicator
G297B IDEA-G297B Datasheet
24Kb / 1P
   T-1-3/4, (5-mm) Round, Single- or Bi-Color PCB Mount Right Angle LED Indicator
logo
Global Mixed-mode Techn...
G2985 GMT-G2985 Datasheet
70Kb / 1P
   DDR Termination Regulator
G2986 GMT-G2986 Datasheet
135Kb / 1P
   LPDDR2/LPDDR3 Termination Regulator
G2987 GMT-G2987 Datasheet
94Kb / 1P
   DDR Termination Regulator
More results

Similar Description - G29TS-810130A

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
M26UX-008120A SUPERWORLD-M26UX-008120A Datasheet
202Kb / 3P
   INTEGRATED MODULAR JACK
G26US-010011A SUPERWORLD-G26US-010011A Datasheet
426Kb / 8P
   INTEGRATED MODULAR JACK
G26US-610121A SUPERWORLD-G26US-610121A Datasheet
455Kb / 7P
   INTEGRATED MODULAR JACK
M22DX-008110A SUPERWORLD-M22DX-008110A Datasheet
197Kb / 3P
   INTEGRATED MODULAR JACK
G27US-310339A SUPERWORLD-G27US-310339A Datasheet
268Kb / 5P
   INTEGRATED MODULAR JACK
M29TS-606120A SUPERWORLD-M29TS-606120A Datasheet
566Kb / 9P
   INTEGRATED MODULAR JACK
logo
Adam Technologies, Inc.
MTJ-88TX1-FSZ-D1LG-M62 ADAM-TECH-MTJ-88TX1-FSZ-D1LG-M62 Datasheet
103Kb / 1P
   Modular jack
logo
CUI INC
CRJ035-3-TH CUI-CRJ035-3-TH Datasheet
315Kb / 3P
   MODULAR JACK
04/16/2021
CRJ009-ML4-TH CUI-CRJ009-ML4-TH Datasheet
382Kb / 4P
   MODULAR JACK
CRJ021-3-TH CUI-CRJ021-3-TH Datasheet
288Kb / 3P
   MODULAR JACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com