Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G26US-610151A Datasheet(PDF) 3 Page - Superworld Electronics

Part # G26US-610151A
Description  INTEGRATED MODULAR JACK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

G26US-610151A Datasheet(HTML) 3 Page - Superworld Electronics

  G26US-610151A Datasheet HTML 1Page - Superworld Electronics G26US-610151A Datasheet HTML 2Page - Superworld Electronics G26US-610151A Datasheet HTML 3Page - Superworld Electronics G26US-610151A Datasheet HTML 4Page - Superworld Electronics G26US-610151A Datasheet HTML 5Page - Superworld Electronics G26US-610151A Datasheet HTML 6Page - Superworld Electronics G26US-610151A Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SCHEMATIC
13
14
12
11
Right LED
Left LED
75 x4
0.01uFx4
J1
J2
J3
J4
J5
J6
J7
J8
x1012
x1015
P5
P9
P10
P8
P7
P6
P4
P3
P2
P1
Vcc
GND
TD4
TD3
TD2
TD1
1000pF/2KV
Shield
Material Specification
Metal Shell
: Copper Alloy, Finish: 50u" Nickel
Housing / Bottom Cover : Thermoplastic , UL 94V-0, Color Black
Insert
: Thermoplastic , UL 94V-0, Color Black
15u" Gold on Contact Area, 100u" Tin on Solder, Both over 50u" Nickel Under-Plated
Coil Base
: LCP , UL 94V-0, Color Black
Contact Terminal / Phosphor Bronze , Solser Tail / Copper Alloy
LED CONFIGURATION
Yellow
Green
585nm
570nm
2.1 V
2.1 V
Standard LED
Wavelength( )
V / IF=20mA
max.
2.5 V
2.5 V
typ.
75 x4
0.01uFx4
J1
J2
J3
J4
J5
J6
J7
J8
P3
P7
P10
P8
P5
P6
P4
P1
P2
P9
Vcc
GND
TD4
TD3
TD2
TD1
1000pF/2KV
Shield
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
12.05.2008
INTEGRATED MODULAR JACK
10/100/1000 Gigabit Ethernet RJ45 1xN Tab Up


Similar Part No. - G26US-610151A

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
G26US-010011A SUPERWORLD-G26US-010011A Datasheet
426Kb / 8P
   INTEGRATED MODULAR JACK
G26US-010012A SUPERWORLD-G26US-010012A Datasheet
426Kb / 8P
   INTEGRATED MODULAR JACK
G26US-010013A SUPERWORLD-G26US-010013A Datasheet
426Kb / 8P
   INTEGRATED MODULAR JACK
G26US-010021A SUPERWORLD-G26US-010021A Datasheet
426Kb / 8P
   INTEGRATED MODULAR JACK
G26US-010022A SUPERWORLD-G26US-010022A Datasheet
426Kb / 8P
   INTEGRATED MODULAR JACK
More results

Similar Description - G26US-610151A

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
M26UX-008120A SUPERWORLD-M26UX-008120A Datasheet
202Kb / 3P
   INTEGRATED MODULAR JACK
G26US-010011A SUPERWORLD-G26US-010011A Datasheet
426Kb / 8P
   INTEGRATED MODULAR JACK
M22DX-008110A SUPERWORLD-M22DX-008110A Datasheet
197Kb / 3P
   INTEGRATED MODULAR JACK
G27US-310339A SUPERWORLD-G27US-310339A Datasheet
268Kb / 5P
   INTEGRATED MODULAR JACK
G29TS-610130A SUPERWORLD-G29TS-610130A Datasheet
776Kb / 10P
   INTEGRATED MODULAR JACK
M29TS-606120A SUPERWORLD-M29TS-606120A Datasheet
566Kb / 9P
   INTEGRATED MODULAR JACK
logo
Adam Technologies, Inc.
MTJ-88TX1-FSZ-D1LG-M62 ADAM-TECH-MTJ-88TX1-FSZ-D1LG-M62 Datasheet
103Kb / 1P
   Modular jack
logo
CUI INC
CRJ035-3-TH CUI-CRJ035-3-TH Datasheet
315Kb / 3P
   MODULAR JACK
04/16/2021
CRJ009-ML4-TH CUI-CRJ009-ML4-TH Datasheet
382Kb / 4P
   MODULAR JACK
CRJ021-3-TH CUI-CRJ021-3-TH Datasheet
288Kb / 3P
   MODULAR JACK
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com