Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDB1608 Datasheet(PDF) 3 Page - Superworld Electronics

Part # PDB1608
Description  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDB1608 Datasheet(HTML) 3 Page - Superworld Electronics

  PDB1608_10 Datasheet HTML 1Page - Superworld Electronics PDB1608_10 Datasheet HTML 2Page - Superworld Electronics PDB1608_10 Datasheet HTML 3Page - Superworld Electronics PDB1608_10 Datasheet HTML 4Page - Superworld Electronics PDB1608_10 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
11.05.2010
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
PDB1608 SERIES
SMD POWER INDUCTORS
7. CHARACTERISTICS CURVES :
T EMPERATURE RISE CURVE VS. CURRENT
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
0A
0.4A
0.8A
1.15A
1.6A
2.0A
DC CURRENT( A)
DC CURRENT (A)
INDUCTANCE CURVE VS. CURRENT
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
9.00
0A
0.5A
1.15A
1.5A
2A
2.5A
3A
DC CURRENT( A)
DC CURRENT (A)


Similar Part No. - PDB1608_10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PDB1608100MZF SUPERWORLD-PDB1608100MZF Datasheet
448Kb / 4P
   SMD POWER INDUCTORS
PDB1608101MZF SUPERWORLD-PDB1608101MZF Datasheet
448Kb / 4P
   SMD POWER INDUCTORS
PDB1608102MZF SUPERWORLD-PDB1608102MZF Datasheet
448Kb / 4P
   SMD POWER INDUCTORS
PDB1608150MZF SUPERWORLD-PDB1608150MZF Datasheet
448Kb / 4P
   SMD POWER INDUCTORS
PDB1608151MZF SUPERWORLD-PDB1608151MZF Datasheet
448Kb / 4P
   SMD POWER INDUCTORS
More results

Similar Description - PDB1608_10

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com