Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G31TS-61015HA Datasheet(PDF) 3 Page - Superworld Electronics

Part # G31TS-61015HA
Description  INTEGRATED MODULAR JACK
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

G31TS-61015HA Datasheet(HTML) 3 Page - Superworld Electronics

  G31TS-61015HA Datasheet HTML 1Page - Superworld Electronics G31TS-61015HA Datasheet HTML 2Page - Superworld Electronics G31TS-61015HA Datasheet HTML 3Page - Superworld Electronics G31TS-61015HA Datasheet HTML 4Page - Superworld Electronics G31TS-61015HA Datasheet HTML 5Page - Superworld Electronics G31TS-61015HA Datasheet HTML 6Page - Superworld Electronics G31TS-61015HA Datasheet HTML 7Page - Superworld Electronics G31TS-61015HA Datasheet HTML 8Page - Superworld Electronics G31TS-61015HA Datasheet HTML 9Page - Superworld Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MECHANICAL : G29TS-610xx0A (2x1)
NOTES : 1. Tolerance : PCB ±0.05mm
Connecetor ±0.25mm
2. Connector dimensions comply with FCC 68.5 dimension requirements
Suggested PCB Pad Layout
Component Side View
28.07
10.80
4.57
11.43
15.49
PANEL CUT OUT
Superworld 0601
G29TS-610130A
Marking
17.27
(19.07)
18.90
J8
J1
J1
J8
Port 2
Port 1
P1
P1
P9
P9
Port 2
P2
P10
Port 1
Ø0.89 x20
Ø3.2 x2
Ø1.58 x4
2.79
2.42
11.43
2.79
6.60
4.06
0.3x0.5
INTEGRATED MODULAR JACK
10/100/1000 Gigabit Ethernet RJ45 2xN Port
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
12.05.2008


Similar Part No. - G31TS-61015HA

ManufacturerPart #DatasheetDescription
logo
EPCOS
G31-A75X EPCOS-G31-A75X Datasheet
52Kb / 4P
   Surge arrester 2-electrode arrester
logo
KODENSHI_AUK CORP.
G310 KODENSHI-G310 Datasheet
151Kb / 3P
   Anti-visible rays due to visible ray cut resin for detector type
G310-DI310L KODENSHI-G310-DI310L Datasheet
152Kb / 3P
   connector type
G310-ST310 KODENSHI-G310-ST310 Datasheet
151Kb / 3P
   connector type
logo
Greenliant systems
G3100 GREENLIANT-G3100 Datasheet
1Mb / 2P
   SATA 2.5 Enterprise SSD
More results

Similar Description - G31TS-61015HA

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
M26UX-008120A SUPERWORLD-M26UX-008120A Datasheet
202Kb / 3P
   INTEGRATED MODULAR JACK
G26US-010011A SUPERWORLD-G26US-010011A Datasheet
426Kb / 8P
   INTEGRATED MODULAR JACK
G26US-610121A SUPERWORLD-G26US-610121A Datasheet
455Kb / 7P
   INTEGRATED MODULAR JACK
M22DX-008110A SUPERWORLD-M22DX-008110A Datasheet
197Kb / 3P
   INTEGRATED MODULAR JACK
G27US-310339A SUPERWORLD-G27US-310339A Datasheet
268Kb / 5P
   INTEGRATED MODULAR JACK
M29TS-606120A SUPERWORLD-M29TS-606120A Datasheet
566Kb / 9P
   INTEGRATED MODULAR JACK
logo
Adam Technologies, Inc.
MTJ-88TX1-FSZ-D1LG-M62 ADAM-TECH-MTJ-88TX1-FSZ-D1LG-M62 Datasheet
103Kb / 1P
   Modular jack
logo
CUI INC
CRJ035-3-TH CUI-CRJ035-3-TH Datasheet
315Kb / 3P
   MODULAR JACK
04/16/2021
CRJ009-ML4-TH CUI-CRJ009-ML4-TH Datasheet
382Kb / 4P
   MODULAR JACK
CRJ021-3-TH CUI-CRJ021-3-TH Datasheet
288Kb / 3P
   MODULAR JACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com