Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G33US-012242A Datasheet(PDF) 8 Page - Superworld Electronics

Part # G33US-012242A
Description  INTEGRATED MODULAR JACK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

G33US-012242A Datasheet(HTML) 8 Page - Superworld Electronics

  G33US-012242A Datasheet HTML 1Page - Superworld Electronics G33US-012242A Datasheet HTML 2Page - Superworld Electronics G33US-012242A Datasheet HTML 3Page - Superworld Electronics G33US-012242A Datasheet HTML 4Page - Superworld Electronics G33US-012242A Datasheet HTML 5Page - Superworld Electronics G33US-012242A Datasheet HTML 6Page - Superworld Electronics G33US-012242A Datasheet HTML 7Page - Superworld Electronics G33US-012242A Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
13
14
16
15
Right LED
Left LED
75 x4
J1
J2
J3
J4
J5
J6
J7
J8
01227
P5
P9
P8
P2
P3
P4
P10
P11
TD4
TD3
TD2
TD1
1000pF/2KV
Shield
P7
P1
P6
P12
13
14
16
15
LED CONFIGURATION
Yellow
Green
585nm
570nm
2.1 V
2.1 V
2.1 V
605nm
Orange
Standard LED
Wavelength( )
max.
2.5 V
2.5 V
2.5 V
typ.
75 x4
J1
J2
J3
J4
J5
J6
J7
J8
01226
TD4
TD3
TD2
TD1
1000pF/2KV
Shield
P5
P9
P8
P2
P3
P4
P10
P11
P7
P1
P6
P12
SCHEMATIC
INTEGRATED MODULAR JACK
10/100/1000 Gigabit Ethernet RJ45 Single Port Tab Up
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 8
12.05.2008


Similar Part No. - G33US-012242A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
G33 TAYCHIPST-G33 Datasheet
1Mb / 3P
   Silicon Z?밆iodes
logo
List of Unclassifed Man...
G331 ETC1-G331 Datasheet
60Kb / 2P
   Multipurpose Enclosures
logo
GTM CORPORATION
G3314 GTM-G3314 Datasheet
385Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
G3314 ETL-G3314 Datasheet
397Kb / 4P
   P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
logo
BELIMO AIRCONTROLS (USA...
G332B-M BELIMO-G332B-M Datasheet
974Kb / 4P
   Fluid chilled or hot water, up to 60% glycol
More results

Similar Description - G33US-012242A

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
M26UX-008120A SUPERWORLD-M26UX-008120A Datasheet
202Kb / 3P
   INTEGRATED MODULAR JACK
G26US-610121A SUPERWORLD-G26US-610121A Datasheet
455Kb / 7P
   INTEGRATED MODULAR JACK
M22DX-008110A SUPERWORLD-M22DX-008110A Datasheet
197Kb / 3P
   INTEGRATED MODULAR JACK
G27US-310339A SUPERWORLD-G27US-310339A Datasheet
268Kb / 5P
   INTEGRATED MODULAR JACK
G29TS-610130A SUPERWORLD-G29TS-610130A Datasheet
776Kb / 10P
   INTEGRATED MODULAR JACK
M29TS-606120A SUPERWORLD-M29TS-606120A Datasheet
566Kb / 9P
   INTEGRATED MODULAR JACK
logo
Adam Technologies, Inc.
MTJ-88TX1-FSZ-D1LG-M62 ADAM-TECH-MTJ-88TX1-FSZ-D1LG-M62 Datasheet
103Kb / 1P
   Modular jack
logo
CUI INC
CRJ035-3-TH CUI-CRJ035-3-TH Datasheet
315Kb / 3P
   MODULAR JACK
04/16/2021
CRJ009-ML4-TH CUI-CRJ009-ML4-TH Datasheet
382Kb / 4P
   MODULAR JACK
CRJ021-3-TH CUI-CRJ021-3-TH Datasheet
288Kb / 3P
   MODULAR JACK
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com