Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIB0503MR68MN Datasheet(PDF) 7 Page - Superworld Electronics

Part # PIB0503MR68MN
Description  MOLDED POWER CHOKE COIL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PIB0503MR68MN Datasheet(HTML) 7 Page - Superworld Electronics

  PIB0503MR68MN Datasheet HTML 1Page - Superworld Electronics PIB0503MR68MN Datasheet HTML 2Page - Superworld Electronics PIB0503MR68MN Datasheet HTML 3Page - Superworld Electronics PIB0503MR68MN Datasheet HTML 4Page - Superworld Electronics PIB0503MR68MN Datasheet HTML 5Page - Superworld Electronics PIB0503MR68MN Datasheet HTML 6Page - Superworld Electronics PIB0503MR68MN Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
10-4. Tearing Off Force
The force for tearing off cover tape is 10 to 130 grams
in the arrow direction under the following conditions.
a) Products should be handled with care to avoid damage or contamination from perspiration and skin oils.
1. Storage Conditions :
To maintain the solderabililty of terminal electrodes :
a) Temperature and humidity conditions : Less than 30° C and 70% RH.
b) Recommended products should be used within 6 months from the time of delivery.
c) The packaging material should be kept where no chlorine or sulfur exists in the air.
b) The use of tweezers or vacuum pick up is strongly recommended for individual components.
c) Bulk handling should ensure that abrasion and mechanical shock are minimized.
2. Transportation :
Application Notice
Top cover tape
F
Base tape
165° to 180°
Room Temp.
(° C)
5~35
Room Humidity
(%)
45~85
Tearing Speed
(mm/min)
300
Room atm
(hPa)
860~1060
PG. 7
(referenced ANSI/EIA-481-C-2003 of 4.11 standard)
25.02.2011
MOLDED POWER CHOKE COIL
PIB0503M SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
HF
Halogen
Free


Similar Part No. - PIB0503MR68MN

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIB0502MP SUPERWORLD-PIB0502MP Datasheet
326Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0502MP1R0MN SUPERWORLD-PIB0502MP1R0MN Datasheet
326Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0502MP2R2MN SUPERWORLD-PIB0502MP2R2MN Datasheet
326Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0502MP3R3MN SUPERWORLD-PIB0502MP3R3MN Datasheet
326Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0502MP4R7MN SUPERWORLD-PIB0502MP4R7MN Datasheet
326Kb / 8P
   MOLDED POWER CHOKE COIL
More results

Similar Description - PIB0503MR68MN

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIB0603M SUPERWORLD-PIB0603M Datasheet
368Kb / 9P
   MOLDED POWER CHOKE COIL
PIB0512MP SUPERWORLD-PIB0512MP Datasheet
324Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0605M SUPERWORLD-PIB0605M Datasheet
335Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0612M SUPERWORLD-PIB0612M Datasheet
336Kb / 8P
   MOLDED POWER CHOKE COIL
PIB0624M SUPERWORLD-PIB0624M Datasheet
330Kb / 8P
   MOLDED POWER CHOKE COIL
PIC0515HP SUPERWORLD-PIC0515HP Datasheet
348Kb / 8P
   MOLDED POWER CHOKE COIL
PIC0605H SUPERWORLD-PIC0605H Datasheet
362Kb / 9P
   MOLDED POWER CHOKE COIL
PIB0402MP SUPERWORLD-PIB0402MP Datasheet
367Kb / 8P
   MOLDED POWER CHOKE COIL
PIB1003M SUPERWORLD-PIB1003M Datasheet
328Kb / 8P
   MOLDED POWER CHOKE COIL
PIB1235M SUPERWORLD-PIB1235M Datasheet
334Kb / 8P
   MOLDED POWER CHOKE COIL
PIC0503H SUPERWORLD-PIC0503H Datasheet
337Kb / 8P
   MOLDED POWER CHOKE COIL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com