Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDB16088R2MZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # PDB16088R2MZF
Description  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDB16088R2MZF Datasheet(HTML) 2 Page - Superworld Electronics

  PDB16088R2MZF Datasheet HTML 1Page - Superworld Electronics PDB16088R2MZF Datasheet HTML 2Page - Superworld Electronics PDB16088R2MZF Datasheet HTML 3Page - Superworld Electronics PDB16088R2MZF Datasheet HTML 4Page - Superworld Electronics PDB16088R2MZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
PDB1608 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
11.05.2010
2.60
60
0.1V/100K
1.5±20%
PDB16081R5MZF
0.10
13800
0.1V/100K
PDB1608102MZF
1000.0±20%
470.0±20%
680.0±20%
47.0±20%
68.0±20%
150.0±20%
220.0±20%
330.0±20%
100.0±20%
PDB1608221MZF
PDB1608681MZF
PDB1608471MZF
PDB1608331MZF
PDB1608470MZF
PDB1608680MZF
PDB1608151MZF
PDB1608101MZF
0.1V/100K
0.1V/100K
0.1V/100K
0.1V/100K
0.1V/100K
0.1V/100K
0.1V/100K
0.1V/100K
2.2±20%
4.7±20%
6.8±20%
3.3±20%
15.0±20%
22.0±20%
33.0±20%
10.0±20%
PDB1608150MZF
PDB1608220MZF
PDB1608330MZF
PDB1608100MZF
PDB16083R3MZF
PDB16084R7MZF
PDB16086R8MZF
PDB16082R2MZF
0.1V/100K
0.1V/100K
0.1V/100K
0.1V/100K
0.1V/100K
0.1V/100K
0.1V/100K
0.1V/100K
0.50
0.40
0.27
0.18
0.22
0.31
0.14
0.16
3110
5060
9200
3800
2000
1270
640
860
2.30
1.50
2.00
1.10
0.90
0.70
1.20
0.58
370
510
160
230
90
130
70
80
( µH )
Inductance
1.0±20%
PDB16081R0MZF
Part No.
0.1V/100K
2.90
Max.
50
RDC
( m )
( Hz )
Frequency
Test
PDB16082R7MZF
2.7±20%
0.1V/100K
80
2.10
PDB16088R2MZF
0.1V/100K
8.2±20%
1.15
160
IDC
Max.
( A )
Temp.
Rising
Area
Preheat Area
Reflow
area
Forced
Cooling Area
+40°C/sec
max.
150~200°C/60~120sec
+2.0~
4.0°C/
sec max.
-(1.0~5.0)°C/sec max.
250
200
150
100
50
0
50
100
150
200
250
Time (seconds)
Peak Temp : 260°C max.
Max time above 230°C : 50sec max.
Max time above 200°C : 70sec max.
Peak temperature
260°C
230°C
50sec
max.
70sec max.


Similar Part No. - PDB16088R2MZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PDB1608 SUPERWORLD-PDB1608 Datasheet
448Kb / 4P
   SMD POWER INDUCTORS
PDB1608100MZF SUPERWORLD-PDB1608100MZF Datasheet
448Kb / 4P
   SMD POWER INDUCTORS
PDB1608101MZF SUPERWORLD-PDB1608101MZF Datasheet
448Kb / 4P
   SMD POWER INDUCTORS
PDB1608102MZF SUPERWORLD-PDB1608102MZF Datasheet
448Kb / 4P
   SMD POWER INDUCTORS
PDB1608150MZF SUPERWORLD-PDB1608150MZF Datasheet
448Kb / 4P
   SMD POWER INDUCTORS
More results

Similar Description - PDB16088R2MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com